Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1101-50EG6 Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza TS1101-50EG6
Descripción Electrónicos  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1101-50EG6 Datasheet(HTML) 5 Page - Silicon Laboratories

  TS1101-50EG6 Datasheet HTML 1Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 2Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 3Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 4Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 5Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 6Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 7Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 8Page - Silicon Laboratories TS1101-50EG6 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2.3 SIGN Comparator Output
As shown in the TS1101/03’s block diagram, the design of the TS1101/03 incorporated one additional feature: an analog comparator
whose inputs monitor the internal amplifier’s differential output voltage. While the voltage at the TS1101/03’s OUT terminal indicates the
magnitude of the load current, the TS1101/03’s SIGN output indicates the load current’s direction. The SIGN output is a logic high when
M1 is conducting current (VRS+ > VRS–). Alternatively, the SIGN output is a logic low when M2 is conducting current (VRS+ < VRS–). The
SIGN comparator’s transfer characteristic is illustrated in the figure below. Unlike other current-sense amplifiers that implement a OUT/
SIGN arrangement, the TS1101/03 exhibits no “dead zone” at ILOAD switchover. The other attribute of the SIGN comparator’s behavior
is its propagation delay as a function of applied VSENSE [(VRS+ – VRS–) or (VRS– – VRS+)]. As shown below, the SIGN comparator’s
propagation delay behavior is symmetric regardless of current-flow direction and is inversely proportional to VSENSE.
Figure 2.3. SIGN Comparator Transfer Characteristic and Propagation Delay
Figure 2.4. SIGN Comparator Propagation Delay vs. VSENSE
TS1100/01/02/03 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 4


Número de pieza similar - TS1101-50EG6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1101-50EG6T TOUCHSTONE-TS1101-50EG6T Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1101-50EG6TP TOUCHSTONE-TS1101-50EG6TP Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
More results

Descripción similar - TS1101-50EG6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com