Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLP9500BFLN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLP9500BFLN
Descripción Electrónicos  LVDS Type A DMD
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9500BFLN Datasheet(HTML) 1 Page - Texas Instruments

  DLP9500BFLN Datasheet HTML 1Page - Texas Instruments DLP9500BFLN Datasheet HTML 2Page - Texas Instruments DLP9500BFLN Datasheet HTML 3Page - Texas Instruments DLP9500BFLN Datasheet HTML 4Page - Texas Instruments DLP9500BFLN Datasheet HTML 5Page - Texas Instruments DLP9500BFLN Datasheet HTML 6Page - Texas Instruments DLP9500BFLN Datasheet HTML 7Page - Texas Instruments DLP9500BFLN Datasheet HTML 8Page - Texas Instruments DLP9500BFLN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLP9500
DLPS025C – AUGUST 2012 – REVISED SEPTEMBER 2015
DLP9500 DLP® 0.95 1080p 2x LVDS Type A DMD
1 Features
3 Description
The DLP9500 1080p chipset is part of the DLP®
1
0.95-Inch Diagonal Micromirror Array
Discovery™ 4100 platform, which enables high
1920 × 1080 Array of Aluminum, Micrometer-
resolution
and
high
performance
spatial
light
Sized Mirrors (1080p Resolution)
modulation. The DLP9500 is the digital micromirror
10.8-µm Micromirror Pitch
device (DMD) fundamental to the 0.95 1080p chipset.
The DLP Discovery 4100 platform also provides the
±12° Micromirror Tilt Angle (Relative to Flat
highest level of individual micromirror control with the
State)
option for random row addressing. Combined with a
Designed for Corner Illumination
hermetic package, the unique capability and value
Designed for Use With Visible Light
offered by DLP9500 makes it well suited to support a
wide variety of industrial, medical, and advanced
(400 to 700 nm):
display applications.
Window Transmission 97% (Single Pass,
Through Two Window Surfaces)
In addition to the DLP9500 DMD, the 0.95 1080p
chipset includes a dedicated DLPC410 controller
Micromirror Reflectivity 88%
required for high speed pattern rates of >23000 Hz
Array Diffraction Efficiency 86%
(1-bit binary) and >1700 Hz (8-bit gray), one unit
Array Fill Factor 92%
DLPR410
(DLP
Discovery
4100
Configuration
PROM), and two units DLPA200 (DMD micromirror
Four 16-Bit, Low-Voltage Differential Signaling
drivers).
(LVDS), Double Data Rate (DDR) Input Data
Buses
Reliable function and operation of the DLP9500
requires that it be used in conjunction with the other
Up to 400-MHz Input Data Clock Rate
components of the chipset. A dedicated chipset
42.2-mm × 42.2-mm × 7-mm Package Footprint
provides developers easier access to the DMD as
Hermetic Package
well as high speed, independent micromirror control.
DLP9500
is
a
digitally
controlled
micro-
2 Applications
electromechanical
system
(MEMS)
spatial
light
Industrial:
modulator (SLM). When coupled to an appropriate
optical system, the DLP9500 can be used to
Digital Imaging Lithography
modulate the amplitude, direction, and/or phase of
Laser Marking
incoming light.
LCD and OLED Repair
Device Information (1)
Computer-to-Plate Printers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SLA 3D Printers
DLP9500
LCCC (355)
42.16 mm × 42.16 mm
3D Scanners for Machine Vision and Factory
Automation
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Flat Panel Lithography
Medical:
Application Schematic
Phototherapy Devices
Ophthalmology
Direct Manufacturing
Hyperspectral Imaging
3D Biometrics
Confocal Microscopes
Display:
3D Imaging Microscopes
Adaptive Illumination
Augmented Reality and Information Overlay
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - DLP9500BFLN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP9500UV TI1-DLP9500UV Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP9500UVFLN TI1-DLP9500UVFLN Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
More results

Descripción similar - DLP9500BFLN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP9500UV TI1-DLP9500UV Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP7000 TI1-DLP7000 Datasheet
1Mb / 52P
[Old version datasheet]   LVDS Type A DMD
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP6500 TI1-DLP6500 Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com