Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPA2000DYFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPA2000DYFFR
Descripción Electrónicos  Power Management and LED/Lamp Driver IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000DYFFR Datasheet(HTML) 5 Page - Texas Instruments

  DLPA2000DYFFR Datasheet HTML 1Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 2Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 3Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 4Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 5Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 6Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 7Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 8Page - Texas Instruments DLPA2000DYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
DLPA2000
www.ti.com
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage at VINL, VINA, VINR, VINC, VINM
–0.3
7
V
Ground pins to system ground
–0.3
0.3
V
Voltage at SWN
–18.0
7
V
Voltage at SWP, VBIAS
–0.3
20
V
Voltage at VOFS
–0.3
12
V
Voltage at V6V, VLED, L1, L2, SWC, SW4, SW5, SW6, INTZ, PROJ_ON
–0.3
7
V
Voltage at all pins, unless noted otherwise
–0.3
3.6
V
Source current RESETZ, CMP_OUT
1
mA
Source current SPI_DOUT
5.5
mA
Sink current RESETZ, CMP_OUT
1
mA
Sink current SPI_DOUT, INTZ
5.5
mA
Peak output current
Internally limited
Internally limited by thermal
Continuous total power dissipation
shutdown
TJ
Operating junction temperature
–30
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Storage Conditions
applicable before the DMD is installed in the final product.
MIN
MAX
UNIT
ENVIRONMENTAL
Tstg
DMD Storage Temperature
–65
150
°C
6.3 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD) Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Full functional and parametric performance
2.7
3.6
6
Input voltage range at VINL, VINA, VINR,
V
Extended operating range, limited parametric
VINC, VINM
2.3
3.6
6
performance
Voltage range at VSPI
1.65
1.8
3.6
V
TA
Operational ambient temperature
–10
85
°C
TJ
Operational junction temperature
–10
120
°C
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DLPA2000


Número de pieza similar - DLPA2000DYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLPA2000 TI-DLPA2000 Datasheet
1Mb / 68P
[Old version datasheet]   DLPC3436 and DLPC3426 Display Controllers
REVISED APRIL 2023
DLPA2000 TI1-DLPA2000 Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLPA2000 TI1-DLPA2000 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPA2000 TI-DLPA2000 Datasheet
549Kb / 6P
[Old version datasheet]   DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
More results

Descripción similar - DLPA2000DYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA2005 TI1-DLPA2005 Datasheet
1Mb / 55P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
[Old version datasheet]   Power Management and LED Driver IC
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
logo
Texas Instruments
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com