Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPA3005 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPA3005
Descripción Electrónicos  PMIC and High-Current LED Driver IC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3005 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPA3005 Datasheet HTML 19Page - Texas Instruments DLPA3005 Datasheet HTML 20Page - Texas Instruments DLPA3005 Datasheet HTML 21Page - Texas Instruments DLPA3005 Datasheet HTML 22Page - Texas Instruments DLPA3005 Datasheet HTML 23Page - Texas Instruments DLPA3005 Datasheet HTML 24Page - Texas Instruments DLPA3005 Datasheet HTML 25Page - Texas Instruments DLPA3005 Datasheet HTML 26Page - Texas Instruments DLPA3005 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
OUT
SWITCH
OUT
RIPPLE
_
I
RIPPLE
_
LED
C
f
8
I
k
V
b
b
b

kHz
15
C
L
2
1
f
OUT
OUT
RES

b
b
5
b

SWITCH
OUT
RIPPLE
_
I
OUT
IN
IN
OUT
OUT
f
I
k
)
V
V
(
V
V
L
b
b
b

LOUT
1µH
20A
100n
16V
COUT
2x68µ
10V
Low_ESR
SYSPWR
2x68µ
16V
ILLUM_A_PGND
ILLUM_A_VIN
ILLUM_A_SW
ILLUM_A_BOOST
ILLUMINATION
DRIVER
A
ILLUM_A_FB
29
32
31
28
30
VLED
ILLUM_HSIDE_DRIVE
ILLUM_LSIDE_DRIVE
27
26
R
G
CG
RG
D
G
D
G
CG
DLPA3005
www.ti.com
DLPS071 – OCTOBER 2015
Feature Description (continued)
Figure 6. Typical Illumination Driver Configuration
Several factors determine the component selection of the buck converter, such as input voltage (SYSPWR),
desired output voltage (VLED) and the allowed output current ripple. Configuration starts with selecting the
inductor LOUT.
The value of the inductance of a buck power stage is selected such that the peak-to-peak ripple current flowing
in the inductor stays within a certain range. Here, the target is set to have an inductor current ripple, kI_RIPPLE,
less than 0.3 (30%). The minimum inductor value can be calculated given the input and output voltage, output
current, switching frequency of the buck converter (ƒSWITCH= 600 kHz), and inductor ripple of 0.3 (30%):
(1)
Example: VIN= 12 V, VOUT= 4.3 V, IOUT= 16 A results in an inductor value of LOUT= 1 µH
Once the inductor is selected, the output capacitor COUT can be determined. The value is calculated using the
fact that the frequency compensation of the illumination loop has been designed for an LC-tank resonance
frequency of 15 kHz:
(2)
Example: COUT= 110 µF given that LOUT= 1 µH. A practical value is 2 × 68 µF. Here, a parallel connection of two
capacitors is chosen to lower the ESR even further.
The selected inductor and capacitor determine the output voltage ripple. The resulting output voltage ripple
VLED_RIPPLE is a function of the inductor ripple kI_RIPPLE, output current IOUT, switching frequency ƒSWITCH and the
capacitor value COUT:
(3)
Example: kI_RIPPLE= 0.3, IOUT= 16 A, ƒSWITCH= 600 kHz and COUT= 2 x 68 µF results in an output voltage ripple of
VLED_RIPPLE= 7 mVpp
As can be seen, this is a relative small ripple.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23


Número de pieza similar - DLPA3005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA3005 TI1-DLPA3005 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
DLPA3005 TI-DLPA3005 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA3005 TI-DLPA3005 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
DLPA3005 TI-DLPA3005 Datasheet
2Mb / 60P
[Old version datasheet]   DLPC1438 Digital Controller for TI DLP짰 3D Printers
REVISED AUGUST 2021
DLPA3005 TI-DLPA3005 Datasheet
608Kb / 7P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP® 3D Printers
JULY 2021
More results

Descripción similar - DLPA3005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA3000 TI1-DLPA3000 Datasheet
1,021Kb / 75P
[Old version datasheet]   PMIC and High-Current LED Driver IC
DLPA4000 TI1-DLPA4000 Datasheet
2Mb / 79P
[Old version datasheet]   PMIC and High-Current LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Nippon Precision Circui...
SM8150A NPC-SM8150A Datasheet
343Kb / 22P
   PMIC with White LED Driver
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com