Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPA3005CPFD Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza DLPA3005CPFD
Descripción Electrónicos  PMIC and High-Current LED Driver IC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3005CPFD Datasheet(HTML) 1 Page - Texas Instruments

  DLPA3005CPFD Datasheet HTML 1Page - Texas Instruments DLPA3005CPFD Datasheet HTML 2Page - Texas Instruments DLPA3005CPFD Datasheet HTML 3Page - Texas Instruments DLPA3005CPFD Datasheet HTML 4Page - Texas Instruments DLPA3005CPFD Datasheet HTML 5Page - Texas Instruments DLPA3005CPFD Datasheet HTML 6Page - Texas Instruments DLPA3005CPFD Datasheet HTML 7Page - Texas Instruments DLPA3005CPFD Datasheet HTML 8Page - Texas Instruments DLPA3005CPFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
OPTICS
FLASH
Projector Module
DC
SUPPLIES
CHARGER
HDMI
RECEIVER
VGA
FLASH,
SDRAM
KEYPAD
SD CARD
READER,
VIDEO
DECODER,
etc
SENSORS
DLPC3439
eDRAM
DLPA3005
ILLUMINATION
SUPPLIES
and
MONITORING
3x BUCK
CONVERTER
(GEN.PURP)
MEASUREMENT
SYSTEM
DIGITAL
CONTROL
FAN(S)
FRONT-
END
CHIP
- OSD
- Autolock
- Scaler
- Deinterlacer
- KS Corr
- uController
Processor
1080P
TRP-DMD
Buck 1.1V
Buck 1.8V
LDO 2.5V
CTRL / DATA
+
BAT
-
SYSPWR
DMD HIGH
VOLTAGE
GENERATION
DMD/DPP
BUCKS
LDO 3.3V
RESET_Z
AUX LDOs
External
Power
FETs
DLPC3439
eDRAM
FLASH
PROJ_ON
TI Device
Non-TI Device
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPA3005
DLPS071 – OCTOBER 2015
DLPA3005 PMIC and High-Current LED Driver IC
1 Features
3 Description
The
DLPA3005
is
a
highly-integrated
power
1
High-Efficiency, High-Current RGB LED Driver
management IC optimized for DLP® Pico™ Projector
Drivers for External Buck FETs up to 16 A
systems. The DLPA3005 supports LED projectors up
Drivers for External RGB Switches
to 16 A per LED, enabled by an integrated high
efficiency buck controller. Additionally, the drivers
10-Bit Programmable Current per Channel
control the RGB switches, supporting the sequencing
Inputs for Selecting Color-Sequential RGB LEDs
of R, G, and B LEDs. The DLPA3005 contains five
Generation of DMD High Voltage Supplies
buck converters, two of which are dedicated for
DLPC
low
voltage
supplies.
Another
dedicated
Two High Efficiency Buck Converters to Generate
regulating supply generates the three timing-critical
the DLPC343x and DMD Supply
DC supplies for the DMD: VBIAS, VRST, and VOFS.
Three High Efficiency, 8-Bit Programmable Buck
Converters for FAN Driver Application or General
The DLPA3005 contains several auxiliary blocks
which can be used in a flexible way. This enables a
Power Supply. General Purpose Buck2 (PWR6
tailor-made
Pico
Projector
system.
Three
8-bit
currently supported, others may be available in
programmable buck converters can be used, for
the future)
instance, to drive rgb projector FANs or to make
Two LDOs Supplying Auxiliary Voltages
auxiliary
supply
lines.
General
Purpose
Buck2
Analog MUX for Measuring internal and external
(PWR6) currently supported, others may be available
nodes such as a thermistor and reference levels
in the future. Two LDOs can be used for a lower-
current supply, up to 200 mA. These LDOs are pre-
Monitoring/Protections: Thermal Shutdown, Hot
defined to 2.5 V and 3.3 V.
Die, Low-Battery, and Undervoltage Lockout
(UVLO)
Through the SPI, all blocks of the DLPA3005 can be
addressed. Features included are the generation of
the system reset, power sequencing, input signals for
2 Applications
sequentially
selecting
the
active
LED,
IC
self-
Portable DLP® Pico™ Projectors
protections, and an analog MUX for routing analog
information to an external ADC.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPA3005
HTQFP (100)
14.00 mm × 14.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
System Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - DLPA3005CPFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA3005 TI1-DLPA3005 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
DLPA3005 TI-DLPA3005 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA3005 TI-DLPA3005 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
DLPA3005 TI-DLPA3005 Datasheet
2Mb / 60P
[Old version datasheet]   DLPC1438 Digital Controller for TI DLP짰 3D Printers
REVISED AUGUST 2021
DLPA3005 TI-DLPA3005 Datasheet
608Kb / 7P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP® 3D Printers
JULY 2021
More results

Descripción similar - DLPA3005CPFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA3000 TI1-DLPA3000 Datasheet
1,021Kb / 75P
[Old version datasheet]   PMIC and High-Current LED Driver IC
DLPA4000 TI1-DLPA4000 Datasheet
2Mb / 79P
[Old version datasheet]   PMIC and High-Current LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Nippon Precision Circui...
SM8150A NPC-SM8150A Datasheet
343Kb / 22P
   PMIC with White LED Driver
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com