Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPA3000DPFDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPA3000DPFDR
Descripción Electrónicos  PMIC and High-Current LED Driver IC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3000DPFDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPA3000DPFDR Datasheet HTML 7Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 8Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 9Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 10Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 11Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 12Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 13Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 14Page - Texas Instruments DLPA3000DPFDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
DLPA3000
www.ti.com
DLPS052 – OCTOBER 2015
Electrical Characteristics (continued)
over operating free-air temperature range. VIN = 12 V, TA = 0 to +70°C, typical values are at TA = 25°C, configuration
according to Typical Applications (VIN =12 V, IOUT = 6 A, LED, internal FETs) (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DMD type TRP, recommended value (use
same or smaller value as output capacitors
470
C
Output capacitor
nF
VOFFSET / VRESET)
tDISCHARGE <40 µs at VIN = 8 V
470
VRESET REGULATOR
VRST
Output voltage
DMD type TRP
–14
V
DC output voltage accuracy
DMD type TRP, IOUT= 10 mA
-0.3
0.3
V
DC Load regulation
DMD type TRP, IOUT= 0 to 10 mA
–4
V/A
DMD type TRP, IOUT= 10 mA, DRST_VIN = 8
DC Line regulation
–2
mV/V
to 20 V
VRIPPLE
Output ripple
DMD type TRP, IOUT= 10 mA, COUT= 1 µF
120
mVpp
IOUT
Output current
DMD type TRP
0.1
10
mA
PGOOD
Power-good threshold
90%
DMD type TRP, recommended value (use
1
same value as output capacitor on VOFFSET)
C
Output capacitor
µF
tDISCHARGE <40 µs at VIN = 8 V
1
DMD - BUCK CONVERTERS
OUTPUT VOLTAGE
VPWR_1_VOUT
Output Voltage
DMD type TRP
1.1
V
VPWR_2_VOUT
Output Voltage
DMD type TRP
1.8
V
DC output voltage accuracy
DMD type TRP, IOUT= 0 mA
–3%
3%
MOSFET
RON,H
High side switch resistance
25°C, VPWR_1,2_Boost – VPWR1,2_SWITCH = 5.5 V
150
m
Ω
RON,L
Low side switch resistance(3)
25°C
85
m
Ω
LOAD CURRENT
Allowed load current(4).
3
A
IOCL
Current limit(3)
LOUT= 3.3 μH
3.2
3.6
4.2
A
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 5 V
120
ns
tOFF(MIN)
Minimum off time(3)
TA = 25°C, VFB = 0 V
270
ns
START-UP
Soft start
1
2.5
4
ms
PGOOD
RatioOV
Overvoltage protection
120%
RatioPG
Relative power good level
Low to High
72%
ILLUMINATION - LDO ILLUM
VILLUM_VIN
6
12
20
V
VILLUM_5P5V
5.5
V
Rising
80%
PGOOD
Power good ILLUM_5P5V
Falling
60%
Overvoltage protection
OVP
7.2
V
ILLUM_5P5V
Regulator dropout
At 25 mA, VILLUM_VIN = 5.5 V
53
mV
Regulator current limit(3)
300
340
400
mA
(3)
Not production tested.
(4)
Care should be taken not to exceed the max power dissipation. Please refer to Thermal Considerations.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11


Número de pieza similar - DLPA3000DPFDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA3000 TI1-DLPA3000 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
DLPA3000 TI1-DLPA3000 Datasheet
145Kb / 5P
[Old version datasheet]   0.33 1080p DMD
DLPA3000 TI1-DLPA3000 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPA3000 TI-DLPA3000 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA3000 TI-DLPA3000 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
More results

Descripción similar - DLPA3000DPFDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA3005 TI1-DLPA3005 Datasheet
1Mb / 75P
[Old version datasheet]   PMIC and High-Current LED Driver IC
DLPA4000 TI1-DLPA4000 Datasheet
2Mb / 79P
[Old version datasheet]   PMIC and High-Current LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Nippon Precision Circui...
SM8150A NPC-SM8150A Datasheet
343Kb / 22P
   PMIC with White LED Driver
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com