Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPC350ZFF Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPC350ZFF
Descripción Electrónicos  Digital Controller for Portable Advanced Light Control
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC350ZFF Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC350ZFF Datasheet HTML 4Page - Texas Instruments DLPC350ZFF Datasheet HTML 5Page - Texas Instruments DLPC350ZFF Datasheet HTML 6Page - Texas Instruments DLPC350ZFF Datasheet HTML 7Page - Texas Instruments DLPC350ZFF Datasheet HTML 8Page - Texas Instruments DLPC350ZFF Datasheet HTML 9Page - Texas Instruments DLPC350ZFF Datasheet HTML 10Page - Texas Instruments DLPC350ZFF Datasheet HTML 11Page - Texas Instruments DLPC350ZFF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
DLPC350
DLPS029C – APRIL 2013 – REVISED MARCH 2014
www.ti.com
Terminal Function Descriptions (continued)
TERMINAL(1)
I/O
I/O
CLK
TYPE
INTERNAL TERMINATION
DESCRIPTION
POWER
SYSTEM
NAME
NUMBER
(2)
LEDR_EN
L3
LED red PWM output
LEDG_EN
L4
VDD33
O2
Async
LED green PWM output
LEDB_EN
K1
LED blue PWM output
TRIGGER CONTROL
In trigger mode 1, this signal is used to advance the
pattern display. In trigger mode 2, the rising edge
TRIG_IN_1
G19
VDD33
B2
Async
displays the pattern and the falling edge displays the
next indexed pattern.
In trigger mode 1, this signal is used to start (rising
edge) and stop (falling edge) the pattern display. It
TRIG_IN_2
F22
VDD33
B2
Async
works along with the software start and stop command.
In trigger mode 2, this signal is used to advance the
pattern by two indexes.
TRIG_OUT_1
C17
VDD33
B2
Async
Active high trigger output signal during pattern exposure
TRIG_OUT_2
K21
VDD33
B2
Async
Active high trigger output to indicate first pattern display
PERIPHERAL INTERFACE
USB D– I/O for USB command interface. TI strongly
recommends a 5.0-W external series resistance (of 22
Ω) to limit the potential impact of a continuous short
USB_DAT_N
E3
circuit between USB_DAT_N and either VBUS, GND, the
other data line, or the cable. For additional protection, an
optional 200-mA Shottky diode from USB_DAT_N to
VDD33 can also be added.
VDD33
B9
Async
USB D+ I/O for USB command interface. TI strongly
recommends a 5.0-W external series resistance (of 22
Ω) to limit the potential impact of a continuous short
USB_DAT_P
E2
circuit between USB_DAT_P and either VBUS, GND, the
other data line, or the cable. For additional protection, an
optional 200-mA Shottky diode from USB_DAT_P to
VDD33 can also be added.
USB_EN
C18
VDD33
B2
Async
USB enable
UART_TXD
L19
VDD33
O2
Async
Transmit data output. Reserved for debug messages
UART_RXD
L21
VDD33
I4
Async
Receive data input. Reserved for debug messages
Ready to send hardware flow control output. Reserved
UART_RTS
M19
VDD33
O2
Async
for debug messages
Clear to send hardware flow control input. Reserved for
UART_CTS
L20
VDD33
I4
Async
debug messages
GPIOS (7)
ALTERNATIVE MODE
GPIO_36
G1
VDD33
B2
Async
None
GPIO_35
H4
VDD33
B2
Async
None
GPIO_34
H3
VDD33
B2
Async
None
GPIO_33
H2
VDD33
B2
Async
None
GPIO_29
F20
VDD33
B2
Async
None
GPIO_28
E22
VDD33
B2
Async
None
GPIO_27
E21
VDD33
B2
Async
None
GPIO_25
D22
VDD33
B2
Async
None
GPIO_24
E20
VDD33
B2
Async
None
GPIO_21
N20
VDD33
B2
Async
None
GPIO_20
N19
VDD33
B2
Async
None
GPIO_15
B19
VDD33
B2
Async
None
GPIO_14
B18
VDD33
B2
Async
None
GPIO_13
L2
VDD33
B2
Async
None
GPIO_12
M4
VDD33
B2
Async
OCLKD (Output)
(7)
GPIO signals must be configured via software for input, output, bidirectional, or open-drain. Some GPIOs have one or more "alternative
use" modes which are also software configurable. The reset default for all optional GPIOs is as an input signal. However, any alternate
function connected to these GPIO pins with the exception of General Purpose Clocks and PWM Generation, will be reset. An external
pullup to the 3.3-V supply is required for each signal configured as open-drain. External pullup or pulldown resistors may be required to
ensure stable operation before software is able to configure these ports.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DLPC350


Número de pieza similar - DLPC350ZFF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
More results

Descripción similar - DLPC350ZFF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900_V01 Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
logo
Intersil Corporation
ISL6226 INTERSIL-ISL6226 Datasheet
384Kb / 17P
   Advanced PWM and Linear Power Controller for Portable Applications
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
Intersil Corporation
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Renesas Technology Corp
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com