Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53513EVM-587 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS53513EVM-587
Descripción Electrónicos  High Performance 8-A Single Synchronous Step-Down Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS53513EVM-587 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53513EVM-587 Datasheet HTML 7Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 8Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 9Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 10Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 11Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 12Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 13Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 14Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
Configurations
Figure 6. TPS53513EVM-587 Top Copper
Figure 7. TPS53513EVM-587 Layer 2 Copper
11
SLUUAQ0B – October 2013 – Revised February 2014
High Performance 8-A Single Synchronous Step-Down Converter Using the
TPS53513EVM-PWR587
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Número de pieza similar - TPS53513EVM-587

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53513 TI1-TPS53513 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS53513RVER TI1-TPS53513RVER Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS53513RVET TI1-TPS53513RVET Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
More results

Descripción similar - TPS53513EVM-587

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53515EVM-587 TI-TPS53515EVM-587 Datasheet
476Kb / 20P
[Old version datasheet]   High Performance 12-A, Single-Synchronous, Step-Down Converter
logo
uPI Group Inc.
UP9625 UPI-UP9625 Datasheet
352Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9620 UPI-UP9620 Datasheet
338Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
UP6019 UPI-UP6019 Datasheet
287Kb / 14P
   High Performance Single Synchronous Step-Up Converter
UP6020 UPI-UP6020 Datasheet
206Kb / 12P
   High Performance,Single Synchronous Step-Up Converter
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
logo
uPI Group Inc.
UP6018P UPI-UP6018P Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018Q UPI-UP6018Q Datasheet
707Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018 UPI-UP6018 Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com