Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3004ITD1033T Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza TS3004ITD1033T
Descripción Electrónicos  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004ITD1033T Datasheet(HTML) 4 Page - Silicon Laboratories

  TS3004ITD1033T Datasheet HTML 1Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 2Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 3Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 4Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 5Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 6Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 7Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 8Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS3004
Page 4
TS3004 Rev. 1.0
PERIOD - µs
20
40
4
0
Supply Current vs FOUT Period
0
60
6
8
2
80
100
SUPPLY VOLTAGE - Volt
2.29
3.03
40.12
40.1
40.18
FOUT Period vs Supply Voltage
1.55
3.77
40.14
40.16
4.51
CLOAD- pF
10
20
4
0
Supply Current vs CLOAD(FOUT)
0
30
6
8
2
40
5.25
TEMPERATURE - ºC
2.1
1.7
Supply Current vs Temperature
2.3
2.5
1.9
-15
10
-40
35
60
85
SUPPLY VOLTAGE - Volt
6
5
9
Start-up Time vs Supply Voltage
7
8
10
TEMPERATURE - ºC
-15
10
39.5
39
FOUT Period vs Temperature
-40
35
40
60
85
40.5
41
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 3V, VPWM_CNTRL= VDD, RSET = 4.32MΩ, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 0pF, CLOAD(PWM) = 0pF, CPWM = VDD, FDIV2:0 = 000
unless otherwise noted. Values are at TA = 25°C unless otherwise noted.
10
12
14
40.2
2.29
3.03
1.55
3.77
4.51
5.25
11


Número de pieza similar - TS3004ITD1033T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS3004ITD1033T TOUCHSTONE-TS3004ITD1033T Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3004ITD1033TP TOUCHSTONE-TS3004ITD1033TP Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
More results

Descripción similar - TS3004ITD1033T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com