Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3310 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza TS3310
Descripción Electrónicos  User-enabled Secondary Output Load Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3310 Datasheet(HTML) 4 Page - Silicon Laboratories

  TS3310 Datasheet HTML 1Page - Silicon Laboratories TS3310 Datasheet HTML 2Page - Silicon Laboratories TS3310 Datasheet HTML 3Page - Silicon Laboratories TS3310 Datasheet HTML 4Page - Silicon Laboratories TS3310 Datasheet HTML 5Page - Silicon Laboratories TS3310 Datasheet HTML 6Page - Silicon Laboratories TS3310 Datasheet HTML 7Page - Silicon Laboratories TS3310 Datasheet HTML 8Page - Silicon Laboratories TS3310 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TS3310
Page 4
TS3310 Rev. 1.1
Efficiency vs STORE Output Current
IN=2.4V, STORE=3V
100
90
80
70
60
50
40
30
20
10
0
0.0001 0.001 0.01
0.1
1
10
100
ISTORE - mA
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs STORE Output Current
IN=1.2V, STORE=3V
0.0001 0.001 0.01
0.1
1
10
100
ISTORE - mA
100
90
80
70
60
50
40
30
20
10
0
Efficiency vs STORE Output Current
IN=1.2V, STORE=1.8V
0.0001 0.001 0.01
0.1
1
10
100
ISTORE - mA
100
90
80
70
60
50
40
30
20
10
0
Efficiency vs STORE Output Current
IN=2V, STORE=5V
0.0001 0.001 0.01
0.1
1
10
100
ISTORE - mA
100
90
80
70
60
50
40
30
20
10
0
Circuit A
Circuit B
Circuit A
Circuit B
Circuit A
Circuit B
Circuit A
Circuit B
VOUT_ON=GND, VVGOOD=GND, COUT=C1=C2=0.1µF, ISTORE=0A, IOUT=0A unless otherwise specified. Values are at TA=25°C unless otherwise
specified.
Circuit A
Circuit B
L
10µH
PN: CBC3225T100KR
100µH
PN: CBC3225T101KR
CIN=CSTORE
22 µF
2.2 µF
CLSW
220pF
---


Número de pieza similar - TS3310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS3310 TOUCHSTONE-TS3310 Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022T TOUCHSTONE-TS3310ITD1022T Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022TP TOUCHSTONE-TS3310ITD1022TP Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
More results

Descripción similar - TS3310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
Schneider Electric
HOM2175SB SCHNEIDER-HOM2175SB Datasheet
71Kb / 2P
   LOAD CENTER HOM SECONDARY SURGE ARRESTOR
Aug 10, 2019
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
   Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
   Load Switch
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
   KYL-813 wireless switch input and output module user manual
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
   Load Switch Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com