Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM972 Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza TSM972
Descripción Electrónicos  Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM972 Datasheet(HTML) 5 Page - Silicon Laboratories

  TSM972 Datasheet HTML 1Page - Silicon Laboratories TSM972 Datasheet HTML 2Page - Silicon Laboratories TSM972 Datasheet HTML 3Page - Silicon Laboratories TSM972 Datasheet HTML 4Page - Silicon Laboratories TSM972 Datasheet HTML 5Page - Silicon Laboratories TSM972 Datasheet HTML 6Page - Silicon Laboratories TSM972 Datasheet HTML 7Page - Silicon Laboratories TSM972 Datasheet HTML 8Page - Silicon Laboratories TSM972 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TSM971/72/73/82/84
TSM971/72/73/82/84 Rev. 1.0
Page 5
ELECTRICAL CHARACTERISTICS – 5V OPERATION
V+ = 5V, V- = GND = 0V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at TA = +25ºC. See Note 1.
PARAMETER
CONDITIONS
MIN
TYP
TSM
UNITS
POWER REQUIREMENTS
Supply Voltage Range
See Note 2
2.5
11
V
Output Voltage Range
0
11
V
Supply Current
IN+ = IN- + 100mV
TSM971;
HYST = REF
TA = +25°C
2.5
3.2
μA
TA = -40°C to +85°C
4
TSM972
TA = +25°C
2.5
3.2
TA = -40°C to +85°C
4
TSM973
TSM982;
HYST = REF
TA = +25°C
3.1
4.5
TA = -40°C to +85°C
6
TSM984
TA = +25°C
5.5
6.5
TA = -40°C to +85°C
8.5
COMPARATOR
Input Offset Voltage
VCM = 2.5V
±10
mV
Input Leakage Current (IN-, IN+)
IN+ = IN- = 2.5V
C/E temp ranges
±0.01
±5
nA
Input Leakage Current (at HYST Pin)
TSM971, TSM973, TSM982
±0.02
nA
Input Common-Mode Voltage Range
V-
V+ – 1.3V
V
Common-Mode Rejection Ratio
V- to (V+ – 1.3V)
0.1
1.0
mV/V
Power-Supply Rejection Ratio
V+ = 2.5V to 11V
0.1
1.0
mV/V
Voltage Noise
100Hz to 100kHz
20
μV
RMS
Hysteresis Input Voltage Range
TSM971, TSM973, TSM982
REF- 0.05V
REF
V
Response Time
(High-to-Low Transition)
TA = +25°C; 100pF load;
1M
Ω Pullup to V+
Overdrive = 10 mV
12
μs
Overdrive = 100 mV
4
Response Time
(Low-to-High Transition)
TA = +25°C; 100pF load; 1MΩ Pullup to V+. See Note 3
300
μs
Output Low Voltage
TSM9x2, TSM973
IOUT = 1.8mA
V- + 0.4
V
TSM971, TSM984
IOUT = 1.8mA
GND + 0.4
Output Leakage Current
VOUT = 11V
100
nA
REFERENCE
Reference Voltage
TSM971, TSM973
TA = 0°C to +70°C, 1%
1.170
1.182
1.194
V
TA = -40°C to +85°C, 2%
1.158
1.206
V
TSM982, TSM984
TA = 0°C to +70°C, 2%
1.158
1.182
1.206
V
TA = -40°C to +85°C, 3%
1.147
1.217
V
Source Current
TA = +25°C
15
25
μA
TA = -40°C to +85°C
6
Sink Current
TA = +25°C
8
15
μA
TA = -40°C to +85°C
4
Voltage Noise
100Hz to 100kHz
100
μV
RMS


Número de pieza similar - TSM972

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TSM972 TOUCHSTONE-TSM972 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM972C TOUCHSTONE-TSM972C Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM972E TOUCHSTONE-TSM972E Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results

Descripción similar - TSM972

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com