Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM9938F Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza TSM9938F
Descripción Electrónicos  SOT23 Precision Current-Sense Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM9938F Datasheet(HTML) 4 Page - Silicon Laboratories

  TSM9938F Datasheet HTML 1Page - Silicon Laboratories TSM9938F Datasheet HTML 2Page - Silicon Laboratories TSM9938F Datasheet HTML 3Page - Silicon Laboratories TSM9938F Datasheet HTML 4Page - Silicon Laboratories TSM9938F Datasheet HTML 5Page - Silicon Laboratories TSM9938F Datasheet HTML 6Page - Silicon Laboratories TSM9938F Datasheet HTML 7Page - Silicon Laboratories TSM9938F Datasheet HTML 8Page - Silicon Laboratories TSM9938F Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TSM9938F
Page 4
TSM9938F Rev. 1.0
Input Offset Voltage vs Common-Mode Voltage
Supply Current vs Common-Mode Voltage
Input Offset Voltage vs Temperature
Supply Current vs Temperature
INPUT OFFSET VOLTAGE - µV
GAIN ERROR - %
TEMPERATURE -
°C
TEMPERATURE -
°C
SUPPLY VOLTAGE - Volt
0
10
25
35
25
20
15
0
10
30
0
40
SUPPLY VOLTAGE - Volt
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25°C, unless otherwise noted.
-40
-15
10
35
85
60
0
10
15
20
30
25
15
20
10
0.2
0.6
0
0.4
1
0.8
40
35
30
25
0
40
-20
20
80
60
0.2
0.6
0.8
0
0.4
1
-0.2
0.2
-0.4
0.4
0
20
Input Offset Voltage Histogram
Gain Error Histogram
5
15
30
50
5
-40
-15
10
35
85
60
0
10
15
20
30
25
5
5
30
1.8V
28V
3.6V


Número de pieza similar - TSM9938F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TSM9938F TOUCHSTONE-TSM9938F Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9938F TOUCHSTONE-TSM9938F Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results

Descripción similar - TSM9938F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com