Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54ACTQ273 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ACTQ273
Descripción Electrónicos  Quiet Series Octal D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ273 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ273 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACTQ273
Quiet Series Octal D Flip-Flop
General Description
The ACTQ273 has eight edge-triggered D-type flip-flops with
individual D inputs and Q outputs. The common buffered
Clock (CP) and Master Reset (MR) input load and reset
(clear) all flip-flops simultaneously.
The register is fully edge-triggered. The state of each D in-
put, one setup time before the LOW-to-HIGH clock transi-
tion, is transferred to the corresponding flip-flop’s Q output.
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the MR input. The de-
vice is useful for applications where the true output only is re-
quired and the Clock and Master Reset are common to all
storage elements.
The ACTQ utilizes NSC Quiet Series technology to guaran-
tee quiet output switching and improved dynamic threshold
performance. FACT Quiet Seriesfeatures GTOoutput
control and undershoot corrector in addition to a split ground
bus for superior performance.
Features
n ICC reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Buffered common clock and asynchronous master reset
n Outputs source/sink 24 mA
n Faster prop delays than the standard ’AC/’ACT273
n 4 kV minimum ESD immunity
n Standard Microcircuit Drawing (SMD)
5962-89735
Logic Symbols
Pin Names
Description
D
0–D7
Data Inputs
MR
Master Reset
CP
Clock Pulse Input
Q
0–Q7
Data Outputs
GTOis a trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
DS100240-1
IEEE/IEC
DS100240-2
August 1998
© 1998 National Semiconductor Corporation
DS100240
www.national.com


Número de pieza similar - 54ACTQ273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54ACTQ240 TI1-54ACTQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ240D NSC-54ACTQ240D Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240F NSC-54ACTQ240F Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240L NSC-54ACTQ240L Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Descripción similar - 54ACTQ273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ273SJX FAIRCHILD-74ACTQ273SJX Datasheet
110Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
74ACTQ273 FAIRCHILD-74ACTQ273 Datasheet
109Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com