Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC128S022CIMT Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADC128S022CIMT
Descripción Electrónicos  8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S022CIMT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC128S022CIMT Datasheet HTML 3Page - Texas Instruments ADC128S022CIMT Datasheet HTML 4Page - Texas Instruments ADC128S022CIMT Datasheet HTML 5Page - Texas Instruments ADC128S022CIMT Datasheet HTML 6Page - Texas Instruments ADC128S022CIMT Datasheet HTML 7Page - Texas Instruments ADC128S022CIMT Datasheet HTML 8Page - Texas Instruments ADC128S022CIMT Datasheet HTML 9Page - Texas Instruments ADC128S022CIMT Datasheet HTML 10Page - Texas Instruments ADC128S022CIMT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
8
9
10
11
12
13
14
15
16
Track
Hold
Power Up
ADD2
ADD1
ADD0
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DIN
DOUT
SCLK
CS
Control register
1
2
3
4
5
6
7
1
2
3
4
5
6
7
ADD2
ADD1
ADD0
8
DB11 DB10 DB9
Power
Down
Power Up
Track
Hold
FOUR ZEROS
FOUR ZEROS
DB1
DB0
ADC128S022
www.ti.com
SNAS334F – AUGUST 2005 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
The following specifications apply for AGND = DGND = 0 V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200 ksps, CL =
50 pF, unless otherwise noted. Maximum and minimum limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(2)
UNIT
AC ELECTRICAL CHARACTERISTICS
fSCLKMIN
Minimum clock frequency
VA = VD = 2.7 V to 5.25 V
0.8
MHz
fSCLK
Maximum clock frequency
VA = VD = 2.7 V to 5.25 V
16
3.2
MHz
50
ksps
fS
Sample rate continuous mode
VA = VD = 2.7 V to 5.25 V
1000
200
ksps
tCONVERT
Conversion (hold) time
VA = VD = 2.7 V to 5.25 V
13
SCLK cycles
40%
30%
DC
SCLK duty cycle
VA = VD = 2.7 V to 5.25 V
70%
60%
tACQ
Acquisition (track) time
VA = VD = 2.7 V to 5.25 V
3
SCLK cycles
Acquisition time + conversion time
Throughput time
16
SCLK cycles
VA = VD = 2.7 V to 5.25 V
tAD
Aperture delay
VA = VD = 2.7 V to 5.25 V
4
ns
6.6 Timing Specifications
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE =
50 ksps to 200 ksps, and CL = 50 pF. Maximum and minimum limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX(1)
UNIT
tCSH
CS hold time after SCLK rising edge
10
0
ns
tCSS
CS set-up time prior to SCLK rising edge
10
4.5
ns
tEN
CS falling edge to DOUT enabled
5
30
ns
tDACC
DOUT access time after SCLK falling edge
17
27
ns
tDHLD
DOUT hold time after SCLK falling edge
4
ns
tDS
DIN set-up time prior to SCLK rising edge
10
3
ns
tDH
DIN hold time after SCLK rising edge
10
3
ns
tCH
SCLK high time
0.4 × tSCLK
ns
tCL
SCLK low time
0.4 × tSCLK
ns
DOUT falling
2.4
20
ns
tDIS
CS rising Edge to DOUT high-impedance
DOUT rising
0.9
20
ns
(1)
Data sheet min/max specification limits are specified by design, test, or statistical analysis.
Figure 1. ADC128S022 Operational Timing Diagram
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC128S022


Número de pieza similar - ADC128S022CIMT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC128S022CIMT NSC-ADC128S022CIMT Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT/NOPB TI1-ADC128S022CIMT/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results

Descripción similar - ADC128S022CIMT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com