Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC128S052CIMT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC128S052CIMT/NOPB
Descripción Electrónicos  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052CIMT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  ADC128S052CIMT/NOPB Datasheet HTML 1Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 2Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 3Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 4Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 5Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 6Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 7Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 8Page - Texas Instruments ADC128S052CIMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADC128S052, ADC128S052-Q1
SNAS333E – AUGUST 2005 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2) (3)
MIN
MAX
UNIT
Analog Supply Voltage VA
–0.3
6.5
V
Digital Supply Voltage VD
–0.3
VA + 0.3, max 6.5
V
Voltage on Any Pin to GND
–0.3
VA + 0.3
V
Input Current at Any Pin(4)
±10
mA
Package Input Current(4)
±20
mA
Power Dissipation at TA = 25°C
See (5)
Junction Temperature
+150
°C
Storage Temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the TI Sales Office/Distributors for availability and specifications.
(3)
For soldering specifications: see product folder at www.ti.com and SNOA549.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND or VIN > VA or VD), the current at that pin must be
limited to 10 mA. The 20-mA maximum package input current rating limits the number of pins that can safely exceed the power supplies
with an input current of 10 mA to two.
(5)
The absolute maximum junction temperature (TJMAX) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJMAX, the junction-to-ambient thermal resistance (RθJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJMAX − TA)/RθJA. In the 16-pin TSSOP, RθJA is 110°C/W, so PDMAX = 1,200 mW at 25°C and 625 mW at the maximum
operating ambient temperature of 105°C. Note that the power consumption of this device under normal operation is a maximum of
12 mW. The values for maximum power dissipation listed above is reached only when the ADC128S052 is operated in a severe fault
condition (for example, when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Such conditions must always be avoided.
6.2 ESD Ratings – Commercial
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2500
Electrostatic
V(ESD)
V
discharge
Machine model (MM)(3)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor.
(3)
Machine model is a 220-pF discharged through ZERO
Ω.
6.3 ESD Ratings – Automotive
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2500
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per AEC Q100-011
±250
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: ADC128S052 ADC128S052-Q1


Número de pieza similar - ADC128S052CIMT/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S052CIMT/NOPB TI1-ADC128S052CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Descripción similar - ADC128S052CIMT/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com