Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC128S052CIMTX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC128S052CIMTX/NOPB
Descripción Electrónicos  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052CIMTX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC128S052CIMTX/NOPB Datasheet HTML 4Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 5Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 6Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 7Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 8Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 9Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 10Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 11Page - Texas Instruments ADC128S052CIMTX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
tCONVERT
tACQ
tCH
tCL
tDACC
tEN
tDH
tDS
FOUR ZEROS
DB10
DONTC
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
DB11
DB9
DB8
DB1
16
8
7
6
5
4
3
2
1
DB0
DIN
DOUT
SCLK
CS
tDIS
tDHLD
8
9
10
11
12
13
14
15
16
Track
Hold
Power Up
ADD2
ADD1
ADD0
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DIN
DOUT
SCLK
CS
Control register
1
2
3
4
5
6
7
1
2
3
4
5
6
7
ADD2
ADD1
ADD0
8
DB11 DB10 DB9
Power
Down
Power Up
Track
Hold
FOUR ZEROS
FOUR ZEROS
DB1
DB0
ADC128S052, ADC128S052-Q1
SNAS333E – AUGUST 2005 – REVISED DECEMBER 2015
www.ti.com
6.7 Timing Specifications
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE =
200 kSPS to 500 kSPS, and CL = 50 pF. Maximum and minimum limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
See Figure 1, Figure 2, and Figure 3.
MIN
NOM
MAX(1)
UNIT
CS Hold Time after SCLK
tCSH
10
0
ns
Rising Edge
CS Set-up Time prior to SCLK
tCSS
10
4.5
ns
Rising Edge
CS Falling Edge to DOUT
tEN
5
30
ns
enabled
DOUT Access Time after SCLK
tDACC
17
27
ns
Falling Edge
DOUT Hold Time after SCLK
tDHLD
4
ns
Falling Edge
DIN Set-up Time prior to SCLK
tDS
10
3
ns
Rising Edge
DIN Hold Time after SCLK
tDH
10
3
ns
Rising Edge
tCH
SCLK High Time
0.4 × tSCLK
ns
tCL
SCLK Low Time
0.4 × tSCLK
ns
DOUT falling
2.4
20
ns
CS Rising Edge to DOUT High-
tDIS
Impedance
DOUT rising
0.9
20
ns
(1)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
Figure 1. ADC128S052 Operational Timing Diagram
Figure 2. ADC128S052 Serial Timing Diagram
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: ADC128S052 ADC128S052-Q1


Número de pieza similar - ADC128S052CIMTX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S052CIMTX/NOPB TI1-ADC128S052CIMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Descripción similar - ADC128S052CIMTX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com