Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1115-Q1 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza ADS1115-Q1
Descripción Electrónicos  Analog-to-Digital Converter With Internal Reference
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1115-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1115-Q1_16 Datasheet HTML 4Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 5Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 6Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 7Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 8Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 9Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 10Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 11Page - Texas Instruments ADS1115-Q1_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
VDD = 2V
VDD = 5V
140
120
100
80
60
40
20
0
-
60
-
40
-
20
0
20
40
60
80
100
120
140
Temperature ( C)
°
VDD = 3.3V
DR = 8SPS
60
40
20
0
20
40
60
-
-
-
-
0.5
-
0.3 -0.2 -0.1
0
0.1
0.5
InputVoltage(V)
-
0.4
0.4
FS= 0.512V
VDD=5V
DR=8SPS
BestFit
±
0.2
0.3
T =+25 C
°
A
T =+125 C
°
A
T = 40 C
-
°
A
60
40
20
0
20
40
60
-
-
-
-
0.5
-
0.250 -0.125
0
0.125 0.250
0.5
InputSignal(V)
-
0.375
+125°C
+25°C
-
°
40 C
0.375
FS= 0.512V
VDD=3.3V
DR=8SPS
BestFit
±
60
40
20
0
20
40
60
-
-
-
-
2.0
-
1.0
-
0.5
0
0.5
1.0
2.0
InputVoltage(V)
-
1.5
1.5
FS= 2.048V
VDD=5V
DR=8SPS
BestFit
±
T = 40 C
-
°
A
T =+25 C
°
A
T =+125 C
°
A
60
50
40
30
20
10
0
2.0
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage(V)
2.5
FS= 6.144V
±
(1)
FS= 2.048V
±
FS= 0.512, 0.256V
±
±
60
40
20
0
20
40
60
-
-
-
-
2.0
-
1.0
-
0.5
0
0.5
1.0
2.0
InputSignal(V)
-
1.5
+125°C
+25°C
-
°
40 C
1.5
FS= 2.048V
VDD=3.3V
DR=8SPS
BestFit
±
ADS1115-Q1
SBAS563B – DECEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C and VDD = 3.3 V, unless otherwise noted.
Figure 8. INL vs Supply Voltage (2)
Figure 9. INL vs Input Signal
Figure 10. INL vs Input Signal
Figure 11. INL vs Input Signal
Figure 12. INL vs Input Signal
Figure 13. INL vs Temperature
(2)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3 V be applied to this device.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: ADS1115-Q1


Número de pieza similar - ADS1115-Q1_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1115-Q1 TI-ADS1115-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Descripción similar - ADS1115-Q1_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1018 TI1-ADS1018_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog-to-Digital Converter Internal Reference and Temperature Sensor
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com