Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS4125IRGZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS4125IRGZT
Descripción Electrónicos  Ultra Low-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4125IRGZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS4125IRGZT Datasheet HTML 6Page - Texas Instruments ADS4125IRGZT Datasheet HTML 7Page - Texas Instruments ADS4125IRGZT Datasheet HTML 8Page - Texas Instruments ADS4125IRGZT Datasheet HTML 9Page - Texas Instruments ADS4125IRGZT Datasheet HTML 10Page - Texas Instruments ADS4125IRGZT Datasheet HTML 11Page - Texas Instruments ADS4125IRGZT Datasheet HTML 12Page - Texas Instruments ADS4125IRGZT Datasheet HTML 13Page - Texas Instruments ADS4125IRGZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
10
ADS4122, ADS4125, ADS4142, ADS4145
SBAS520B – FEBRUARY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: ADS4122 ADS4125 ADS4142 ADS4145
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics: ADS412x (continued)
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, 50% clock duty cycle, –1dBFS differential analog input, 0dB gain,
and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are across the full temperature range: TMIN
= –40°C to TMAX = 85°C, AVDD = 1.8 V, and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Worst spur
(other than second and third
harmonics)
fIN = 10 MHz
ADS4122 (65MSPS)
96
dBc
ADS4125 (125MSPS)
95
fIN = 70 MHz
ADS4122 (65MSPS)
96
dBc
ADS4125 (125MSPS)
95
fIN = 100 MHz
ADS4122 (65MSPS)
94
dBc
ADS4125 (125MSPS)
95
fIN = 170 MHz
ADS4122 (65MSPS)
76.5
92
dBc
ADS4125 (125MSPS)
76.5
91
fIN = 300 MHz
88
dBc
IMD
Two-tone intermodulation
distortion
f1 = 100 MHz, f2 = 105 MHz,
each tone at –7 dBFS
ADS4122 (65MSPS)
90
dBFS
ADS4125 (125MSPS)
87.5
Input overload recovery
Recovery to within 1% (of final value) for 6dB overload with
sine-wave input
1
Clock
cycles
PSRR
AC power-supply rejection ratio
For 100-mVPP signal on AVDD supply, up to 10 MHz
> 30
dB
ENOB
Effective number of bits
fIN = 170 MHz
11.2
LSBs
DNL
Differential nonlinearity
fIN = 170 MHz
–0.85
±0.2
1.5
LSBs
INL
Integrated nonlinearity
fIN = 170 MHz
ADS4122 (65MSPS)
±0.3
3.5
LSBs
ADS4125 (125MSPS)
±0.35
3.5
7.6 Electrical Characteristics: ADS414x
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 0-dB
gain, and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are across the full temperature
range: TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
SNR (signal-to-noise ratio), LVDS
fIN = 10 MHz
ADS4142 (65 MSPS)
73.9
dBFS
ADS4145 (125 MSPS)
73.7
fIN = 70 MHz
ADS4142 (65 MSPS)
73.5
dBFS
ADS4145 (125 MSPS)
73.4
fIN = 100 MHz
ADS4142 (65 MSPS)
73.2
dBFS
ADS4145 (125 MSPS)
73.1
fIN = 170 MHz
ADS4142 (65 MSPS)
69
72.4
dBFS
ADS4145 (125 MSPS)
70
72.2
fIN = 300 MHz
ADS4142 (65 MSPS)
70.5
dBFS
ADS4145 (125 MSPS)
71.3
SINAD (signal-to-noise and
distortion ratio), LVDS
fIN = 10 MHz
ADS4142 (65 MSPS)
73.5
dBFS
ADS4145 (125 MSPS)
73.2
fIN = 70 MHz
ADS4142 (65 MSPS)
73.3
dBFS
ADS4145 (125 MSPS)
73
fIN = 100 MHz
ADS4142 (65 MSPS)
73
dBFS
ADS4145 (125 MSPS)
72.6
fIN = 170 MHz
ADS4142 (65 MSPS)
68
72.3
dBFS
ADS4145 (125 MSPS)
69
71.8
fIN = 300 MHz
ADS4142 (65 MSPS)
69.2
dBFS
ADS4145 (125 MSPS)
70.6


Número de pieza similar - ADS4125IRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4125IRGZT TI1-ADS4125IRGZT Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
More results

Descripción similar - ADS4125IRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19192 MAXIM-MAX19192 Datasheet
1Mb / 22P
   Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
EM Microelectronic - MA...
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
logo
Texas Instruments
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com