Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS4142IRGZR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS4142IRGZR
Descripción Electrónicos  Ultra Low-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4142IRGZR Datasheet(HTML) 4 Page - Texas Instruments

  ADS4142IRGZR Datasheet HTML 1Page - Texas Instruments ADS4142IRGZR Datasheet HTML 2Page - Texas Instruments ADS4142IRGZR Datasheet HTML 3Page - Texas Instruments ADS4142IRGZR Datasheet HTML 4Page - Texas Instruments ADS4142IRGZR Datasheet HTML 5Page - Texas Instruments ADS4142IRGZR Datasheet HTML 6Page - Texas Instruments ADS4142IRGZR Datasheet HTML 7Page - Texas Instruments ADS4142IRGZR Datasheet HTML 8Page - Texas Instruments ADS4142IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
12
11
10
9
8
7
6
5
4
3
2
1
DRGND
DRVDD
NC
NC
NC
NC
RESET
SCLK
SDATA
SEN
AVDD
AGND
DRGND
DRVDD
OVR_SDOUT
CLKOUTM
CLKOUTP
DFS
OE
AVDD
AGND
CLKP
CLKM
AGND
Thermal Pad
36
35
34
33
32
31
30
29
28
27
26
25
12
11
10
9
8
7
6
5
4
3
2
1
DRGND
DRVDD
D0_D1_P
D0_D1_M
NC
NC
RESET
SCLK
SDATA
SEN
AVDD
AGND
DRGND
DRVDD
OVR_SDOUT
CLKOUTM
CLKOUTP
DFS
OE
AVDD
AGND
CLKP
CLKM
AGND
Thermal Pad
4
ADS4122, ADS4125, ADS4142, ADS4145
SBAS520B – FEBRUARY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: ADS4122 ADS4125 ADS4142 ADS4145
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
ADS412x RGZ Package
48-Pin VQFN With Exposed Thermal Pad
LVDS Mode - Top View
ADS414x RGZ Package
48-Pin VQFN With Exposed Thermal Pad
LVDS Mode - Top View
The thermal pad is connected to DRGND.
Pin Functions - LVDS Mode
PIN
I/O
DESCRIPTION
NAME
ADS412x
ADS414x
AGND
9, 12, 14, 17, 19, 25
9, 12, 14, 17, 19, 25
I
Analog ground
AVDD
8, 18, 20, 22, 24, 26
8, 18, 20, 22, 24, 26
I
1.8-V analog power supply
CLKM
11
11
I
Differential clock input, complement
CLKP
10
10
I
Differential clock input, true
CLKOUTM
4
4
O
Differential output clock, complement
CLKOUTP
5
5
O
Differential output clock, true
D0_D1_M
37
33
O
Differential output data D0 and D1 multiplexed, complement
D0_D1_P
38
34
O
Differential output data D0 and D1 multiplexed, true
D2_D3_M
39
37
O
Differential output data D2 and D3 multiplexed, complement
D2_D3_P
40
38
O
Differential output data D2 and D3 multiplexed, true
D4_D5_M
41
39
O
Differential output data D4 and D5 multiplexed, complement
D4_D5_P
42
40
O
Differential output data D4 and D5 multiplexed, true
D6_D7_M
43
41
O
Differential output data D6 and D7 multiplexed, complement
D6_D7_P
44
42
O
Differential output data D6 and D7 multiplexed, true
D8_D9_M
45
43
O
Differential output data D8 and D9 multiplexed, complement
D8_D9_P
46
44
O
Differential output data D8 and D9 multiplexed, true
D10_D11_M
47
45
O
Differential output data D10 and D11 multiplexed, complement
D10_D11_P
48
46
O
Differential output data D10 and D11 multiplexed, true
D12_D13_M
47
O
Differential output data D12 and D13 multiplexed, complement
D12_D13_P
48
O
Differential output data D12 and D13 multiplexed, true
DFS
6
6
I
Data format select input. This pin sets the DATA FORMAT (twos complement or offset binary)
and the LVDS/CMOS output interface type. See Table 4 for detailed information.
DRGND
1, 36, PAD
1, 36, PAD
I
Digital and output buffer ground
DRVDD
2, 35
2, 35
I
1.8-V digital and output buffer supply
INM
16
16
I
Differential analog input, negative
INP
15
15
I
Differential analog input, positive


Número de pieza similar - ADS4142IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4142IRGZR TI1-ADS4142IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
More results

Descripción similar - ADS4142IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19192 MAXIM-MAX19192 Datasheet
1Mb / 22P
   Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
EM Microelectronic - MA...
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
logo
Texas Instruments
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com