Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS4249IRGCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS4249IRGCT
Descripción Electrónicos  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4249IRGCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS4249IRGCT Datasheet HTML 5Page - Texas Instruments ADS4249IRGCT Datasheet HTML 6Page - Texas Instruments ADS4249IRGCT Datasheet HTML 7Page - Texas Instruments ADS4249IRGCT Datasheet HTML 8Page - Texas Instruments ADS4249IRGCT Datasheet HTML 9Page - Texas Instruments ADS4249IRGCT Datasheet HTML 10Page - Texas Instruments ADS4249IRGCT Datasheet HTML 11Page - Texas Instruments ADS4249IRGCT Datasheet HTML 12Page - Texas Instruments ADS4249IRGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
ADS4249
www.ti.com
SBAS534E – JULY 2011 – REVISED JANUARY 2016
Pin Functions (CMOS Mode) (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
CLKOUT
57
O
CMOS output clock
CTRL1
35
CTRL2
36
I
Digital control input pins. Together, these pins control various power-down modes.
CTRL3
37
DA0
40
DA1
41
DA2
42
DA3
43
DA4
44
DA5
45
DA6
46
O
Channel A ADC output data bits, CMOS levels
DA7
47
DA8
50
DA9
51
DA10
52
DA11
53
DA12
54
DA13
55
DB0
60
DB1
61
DB2
62
DB3
63
DB4
2
DB5
3
DB6
4
O
Channel B ADC output data bits, CMOS levels
DB7
5
DB8
6
DB9
7
DB10
8
DB11
9
DB12
10
DB13
11
49
DRGND
I
Output buffer ground
PAD
1
DRVDD
I
Output buffer supply
48
INM_A
30
I
Differential analog negative input, channel A
INP_A
29
I
Differential analog positive input, channel A
INM_B
20
I
Differential analog negative input, channel B
INP_B
19
I
Differential analog positive input, channel B
38
39
NC
Do not connect, must be floated
58
59
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS4249


Número de pieza similar - ADS4249IRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4249IRGCT TI1-ADS4249IRGCT Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
More results

Descripción similar - ADS4249IRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com