Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8556 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8556
Descripción Electrónicos  12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8556 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8556 Datasheet HTML 2Page - Texas Instruments ADS8556 Datasheet HTML 3Page - Texas Instruments ADS8556 Datasheet HTML 4Page - Texas Instruments ADS8556 Datasheet HTML 5Page - Texas Instruments ADS8556 Datasheet HTML 6Page - Texas Instruments ADS8556 Datasheet HTML 7Page - Texas Instruments ADS8556 Datasheet HTML 8Page - Texas Instruments ADS8556 Datasheet HTML 9Page - Texas Instruments ADS8556 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
ADS8556, ADS8557, ADS8558
SBAS404D – OCTOBER 2006 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS8556 ADS8557 ADS8558
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
PARALLEL INTERFACE (PAR/SER = 0)
SERIAL INTERFACE (PAR/SER = 1)
AVDD
26, 34,
35, 40,
41, 46,
47, 50,
60
P
Analog power supply (4.5 V to 5.5 V). Decouple each pin with a 100-nF ceramic capacitor to
AGND. Use an additional 10-
μF capacitor to AGND close to the device but without compromising
the placement of the smaller capacitor. Pin 26 can have a dedicated power supply if the
difference between its potential and AVDD is always kept within ±300 mV.
RANGE/XCLK
27
DI, DIO
Hardware mode (HW/SW = 0): Input voltage range select input.
When low, the analog input range is ±4 VREF. When high, the analog input range is ±2 VREF.
Software mode (HW/SW = 1): External conversion clock input, if CR bit C11 (CLKSEL) is set
high or internal conversion clock output, if CR bit C10 (CLKOUT_EN) is set high. If not used,
connect to BVDD or BGND.
RESET
28
DI
Reset input, active high. Aborts any ongoing conversions. Resets the internal control register to
0x000003FF. The RESET pulse must be at least 50 ns long.
WORD/BYTE
29
DI
Output mode selection input.
When low, data are transferred in word mode
using DB[15:0]. When high, data are
transferred in byte mode using DB[15:8] with
the byte order controlled by HBEN pin while two
accesses are required for a complete 16-bit
transfer.
Connect to BGND.
HVSS
30
P
Negative supply voltage for the analog inputs (–16.5 V to –5 V).
Decouple with a 100-nF ceramic capacitor to AGND placed next to the device and a 10-
μF
capacitor to AGND close to the device but without compromising the placement of the smaller
capacitor.
HVDD
31
P
Positive supply voltage for the analog inputs (5 V to 16.5 V). Decouple with a 100-nF ceramic
capacitor to AGND placed next to the device and a 10-
μF capacitor to AGND close to the device
but without compromising the placement of the smaller capacitor.
CH_A0
33
AI
Analog input of channel A0. The input voltage range is controlled by RANGE pin in hardware
mode or CR bit C26 (RANGE_A) in software mode.
CH_A1
36
AI
Analog input of channel A1. The input voltage range is controlled by RANGE pin in hardware
mode or CR bit C26 (RANGE_A) in software mode.
CH_B0
39
AI
Analog input of channel B0. The input voltage range is controlled by RANGE pin in hardware
mode or CR bit C27 (RANGE_B) in software mode.
CH_B1
42
AI
Analog input of channel B1. The input voltage range is controlled by RANGE pin in hardware
mode or CR bit C27 (RANGE_B) in software mode.
CH_C0
45
AI
Analog input of channel C0. The input voltage range is controlled by RANGE pin in hardware
mode or CR bit C28 (RANGE_C) in software mode.
CH_C1
48
AI
Analog input of channel C1. The input voltage range is controlled by RANGE pin in hardware
mode or CR bit C28 (RANGE_C) in software mode.
REFIO
51
AIO
Reference voltage input/output (0.5 V to 3.025 V).
The internal reference is enabled via REFEN/WR pin in hardware mode or CR bit C25 (REFEN) in
software mode. The output value is controlled by the internal DAC (CR bits C[9:0]). Connect a
470-nF ceramic decoupling capacitor between this pin and pin 52.
REFC_A
54
AI
Decoupling capacitor for reference of channels A.
Connect a 10-
μF ceramic decoupling capacitor between this pin and pin 53.
REFC_B
56
AI
Decoupling capacitor for reference of channels B.
Connect a 10-
μF ceramic decoupling capacitor between this pin and pin 55.
REFC_C
58
AI
Decoupling capacitor for reference of channels C.
Connect a 10-
μF ceramic decoupling capacitor between this pin and pin 57.
PAR/SER
61
DI
Interface mode selection input.
When low, the parallel interface is selected. When high, the serial interface is enabled.
HW/SW
62
DI
Mode selection input.
When low, the hardware mode is selected and part works according to the settings of external
pins. When high, the software mode is selected in which the device is configured by writing into
the control register.


Número de pieza similar - ADS8556

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556I TI-ADS8556I Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556IPM TI-ADS8556IPM Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556IPMR TI-ADS8556IPMR Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Descripción similar - ADS8556

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com