Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC3484IRKDT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC3484IRKDT
Descripción Electrónicos  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484IRKDT Datasheet(HTML) 1 Page - Texas Instruments

  DAC3484IRKDT Datasheet HTML 1Page - Texas Instruments DAC3484IRKDT Datasheet HTML 2Page - Texas Instruments DAC3484IRKDT Datasheet HTML 3Page - Texas Instruments DAC3484IRKDT Datasheet HTML 4Page - Texas Instruments DAC3484IRKDT Datasheet HTML 5Page - Texas Instruments DAC3484IRKDT Datasheet HTML 6Page - Texas Instruments DAC3484IRKDT Datasheet HTML 7Page - Texas Instruments DAC3484IRKDT Datasheet HTML 8Page - Texas Instruments DAC3484IRKDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
DAC3484
16-bit DAC
16-bit DAC
16-bit DAC
16-bit DAC
xN
xN
xN
xN
RF
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
DAC3484
SLAS749E – MARCH 2011 – REVISED NOVEMBER 2015
DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
1 Features
3 Description
The DAC3484 is a very low power, high dynamic
1
Very Low Power: 1.27 W at 1.25 GSPS, Full
range,
quad-channel,
16-bit
digital-to-analog
Operating Conditions
converter (DAC) with a sample rate as high as 1.25
Multi-DAC Synchronization
GSPS.
Selectable 2x, 4x, 8x, 16x Interpolation Filter
The device includes features that simplify the design
Stop-Band Attenuation > 90 dBc
of complex transmit architectures: 2x to 16x digital
interpolation filters with over 90dB of stop-band
Flexible On-chip Complex Mixing
attenuation
simplify
the
data
interface
and
Two Independent Fine Mixers with 32-Bit
reconstruction filters. Independent complex mixers
NCOs
allow flexible carrier placement. A high-performance
Power Saving Coarse Mixers: ± n×Fs/8
low jitter clock multiplier simplifies clocking of the
device without significant impact on the dynamic
High Performance, Low Jitter Clock Multiplying
range. The digital Quadrature Modulator Correction
PLL
(QMC) enables complete IQ compensation for gain,
Digital I and Q Correction
offset, phase and group delay between channels in
Gain, Phase, Offset, and Group Delay
direct up-conversion applications.
Correction
Digital data is input to the device through a 16-bit
Digital Inverse Sinc Filter
LVDS data bus with on-chip termination. The device
Flexible 16-Bit LVDS Input Data Bus
includes a FIFO, data pattern checker and parity test
to ease the input interface. The interface also allows
8 Sample Input FIFO
full synchronization of multiple devices.
Data Pattern Checker
The device is characterized for operation over the
Parity Check
entire industrial temperature range of –40°C to 85°C
GC5330 Compatible
and is available in a very-small 88-pin 9x9mm WQFN
Temperature Sensor
package or 196-ball 12x12mm NFBGA package.
Differential Scalable Output: 10 mA to 30 mA
Very low power, small size, superior crosstalk, high
Multiple Package Options: 88-Pin 9x9mm WQFN
dynamic range and features of the DAC3484 are an
and 196-Ball 12mmx12mm NFBGA (GREEN / Pb-
ideal fit for systems with multiple transmit channels.
Free)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
WQFN (88)
9.00 mm x 9.00 mm
Cellular Base Stations
DAC3484
NFBGA (196)
12.00 mm x 12.00 mm
Diversity Transmit
(1) For all available packages, see the orderable addendum at
Wideband Communications
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - DAC3484IRKDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3484IRKDT TI1-DAC3484IRKDT Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Descripción similar - DAC3484IRKDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com