Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC8811ICDGKRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC8811ICDGKRG4
Descripción Electrónicos  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDGKRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8811ICDGKRG4 Datasheet HTML 3Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 4Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 5Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 6Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 7Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 8Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 9Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 10Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
CLK
1
16
CS
SDI
DB13
t
DH
t
CL
t
CH
t
CSH
t
DS
t
CSS
DB1
DB0
DB15
DB14
7
DAC8811
www.ti.com
SLAS411D – NOVEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: DAC8811
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Specified by design and characterization; not production tested.
(2)
All ac characteristic tests are performed in a closed-loop system using the THS4011 I-to-V converter amplifier.
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
INTERFACE TIMING
fCLK
Clock input frequency
50
MHz
t(CH)
Clock pulse width high
10
ns
t(CL)
Clock pulse width low
10
ns
t(CSS)
CS to Clock setup time
0
ns
t(CSH)
Clock to CS hold time
10
ns
t(DS)
Data setup time
5
ns
t(DH)
Data hold time
10
ns
AC CHARACTERISTICS(1) (2)
ts
Output voltage settling time
To ±0.1% of full-scale, Data = 0000h to
FFFFh to 0000h
0.3
µs
To ±0.0015% of full-scale, Data = 0000h
to FFFFh to 0000h
0.5
µs
Figure 1. DAC8811 Timing Diagram


Número de pieza similar - DAC8811ICDGKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8811ICDGKR TI1-DAC8811ICDGKR Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Descripción similar - DAC8811ICDGKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com