Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7041IDCUT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7041IDCUT
Descripción Electrónicos  Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7041IDCUT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7041IDCUT Datasheet HTML 3Page - Texas Instruments ADS7041IDCUT Datasheet HTML 4Page - Texas Instruments ADS7041IDCUT Datasheet HTML 5Page - Texas Instruments ADS7041IDCUT Datasheet HTML 6Page - Texas Instruments ADS7041IDCUT Datasheet HTML 7Page - Texas Instruments ADS7041IDCUT Datasheet HTML 8Page - Texas Instruments ADS7041IDCUT Datasheet HTML 9Page - Texas Instruments ADS7041IDCUT Datasheet HTML 10Page - Texas Instruments ADS7041IDCUT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
1
2
3
4
5
6
7
8
9
10
SCLK
CS
tSU_CSCK
tDV_CSDO
tD_CKDO
tDZ_CSDO
Sample
N
Sample
N+1
tACQ
tCONV
tCYCLE
tPH_CS
0
0
SDO
Data for Sample N
tPH_CK
tPL_CK
tD_CKCS
tSCLK
D9
D8
D7
D6
D5
D4
D3
D2
11
12
D1
D0
ADS7041
www.ti.com
SBAS675C – NOVEMBER 2014 – REVISED DECEMBER 2015
6.6 Timing Characteristics
All specifications are at TA = –40°C to 125°C, AVDD = 1.65 V to 3.6 V, DVDD = 1.65 V to 3.6 V, and CLOAD on SDO = 20 pF,
unless otherwise specified.
MIN
TYP
MAX
UNIT
TIMING SPECIFICATIONS
fTHROUGHPUT
Throughput
1
MSPS
tCYCLE
Cycle time
1
µs
tCONV
Conversion time
10.5 × tSCLK + tSU_CSCK
ns
tDV_CSDO
Delay time: CS falling to data enable
10
ns
Delay time: SCLK falling to (next) data valid on DOUT,
30
ns
AVDD = 1.8 V to 3.6 V
tD_CKDO
Delay time: SCLK falling to (next) data valid on DOUT,
50
ns
AVDD = 1.65 V to 1.8 V
tDZ_CSDO
Delay time: CS rising to DOUT going to 3-state
5
ns
TIMING REQUIREMENTS
tACQ
Acquisition time
235
ns
fSCLK
SCLK frequency
0.016
14
MHz
tSCLK
SCLK period
71.43
ns
tPH_CK
SCLK high time
0.45
0.55
tSCLK
tPL_CK
SCLK low time
0.45
0.55
tSCLK
tPH_CS
CS high time
60
ns
tSU_CSCK
Setup time: CS falling to SCLK falling
15
ns
tD_CKCS
Delay time: last SCLK falling to CS rising
10
ns
Figure 1. Timing Diagram
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS7041


Número de pieza similar - ADS7041IDCUT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
More results

Descripción similar - ADS7041IDCUT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com