Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6362A Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza L6362A
Descripción Electrónicos  IO-Link communication transceiver device IC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 6Page - STMicroelectronics L6362A Datasheet HTML 7Page - STMicroelectronics L6362A Datasheet HTML 8Page - STMicroelectronics L6362A Datasheet HTML 9Page - STMicroelectronics L6362A Datasheet HTML 10Page - STMicroelectronics L6362A Datasheet HTML 11Page - STMicroelectronics L6362A Datasheet HTML 12Page - STMicroelectronics L6362A Datasheet HTML 13Page - STMicroelectronics L6362A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Absolute maximum ratings
L6362A
10/37
DocID027660 Rev 4
3
Absolute maximum ratings
Table 4: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (steady-state)
-36 to +36
V
Supply voltage transient(1)
Internally limited
VOUTH VOUTL
HS or LS output channel voltage (steady-
state)
-36 to +36
V
HS or LS output channel voltage
(transient) (1)
Internally limited
VI/Q
I/Q channel voltage (steady-state)
-36 to +36
I/Q channel voltage (transient (1) )
Internally limited
VIN1, IN2
IN voltage
-0.3 to VDD+0.3
V
VEN
EN/DIAG voltage
-0.3 to VDD+0.3
V
VSEL
SEL voltage
-0.3 to VDD+0.3
V
VOL
OL voltage
-0.3 to VDD+0.3
V
IOUTH,OUTL
Output stage current (continuous) (1)
Internally limited
A
ICC
Supply current
2(2)
A
IOUT_I/Q
OUTI/Q current
-10/+10
mA
IOL
OL
-10/+10
mA
IEN
EN/DIAG current
-10/+10
PD
Power dissipation
Internally limited
W
TJ
Junction temperature
-40 to 150
°C
TStor
Storage temperature range
-55 to 150
Notes:
(1)During fast transients according to IEC61000-4-5 (±1 kV, RC coupling R=500 Ω, C=18 µF).
(2)Peak value during fast transient test only.
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All voltages
are referred to GND.


Número de pieza similar - L6362A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6362 STMICROELECTRONICS-L6362 Datasheet
197Kb / 4P
   Fully integrated device transceiver IC
More results

Descripción similar - L6362A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
   IO-Link communication master transceiver IC
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
   IO-Link Device IC
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
   IO-Link Device Transceiver
Rev 0; 9/14
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 1; 2/12
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
   IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
   IO-Link-Compliant Device Transceiver
Rev 3; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com