Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC128S102WGRQV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC128S102WGRQV
Descripción Electrónicos  8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WGRQV Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC128S102WGRQV Datasheet HTML 3Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 4Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 9Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 10Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADC128S102QML-SP
www.ti.com
SNAS411N – AUGUST 2008 – REVISED SEPTEMBER 2015
Electrical Characteristics: ADC128S102QML-SP Converter (continued)
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE = 50 kSPS to 1 MSPS, CL =
50pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP(1)
MAX
UNIT
VA = VD = 3 V,
4, 5, 6
–93
–78
dB
fa = 19.5 kHz, fb = 20.5 kHz
Intermodulation Distortion, Second
Order Terms
VA = VD = 5 V,
4, 5, 6
–93
–78
dB
fa = 19.5 kHz, fb = 20.5 kHz
IMD
VA = VD = 3 V,
4, 5, 6
–91
–70
dB
fa = 19.5 kHz, fb = 20.5 kHz
Intermodulation Distortion, Third
Order Terms
VA = VD = 5 V,
4, 5, 6
–91
–70
dB
fa = 19.5 kHz, fb = 20.5 kHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
1, 2, 3
±0.01
±1
µA
Track Mode, see (2)
38
pF
CINA
Input Capacitance
Hold Mode, see (2)
4.5
pF
DIGITAL INPUT CHARACTERISTICS
VA = VD = 2.7 V to 3.6 V
1, 2, 3
2.1
V
VIH
Input High Voltage
VA = VD = 4.75 V to 5.25 V
1, 2, 3
2.4
V
VIL
Input Low Voltage
VA = VD = 2.7 V to 5.25 V
1, 2, 3
0.8
V
IIN
Input Current
VIN = 0 V or VD
1, 2, 3
±1
±1
µA
CIND
Digital Input Capacitance
See (2)
3.5
pF
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA,
VOH
Output High Voltage
1, 2, 3
VD –0.5
V
VA = VD = 2.7 V to 5.25 V
ISINK = 200 µA to 1 mA,
VOL
Output Low Voltage
1, 2, 3
0.4
V
VA = VD = 2.7 V to 5.25 V
IOZH,
Hi-Impedance Output Leakage
VA = VD = 2.7 V to 5.25 V
1, 2, 3
±0.01
±1
µA
IOZL
Current
COUT
Hi-Impedance Output Capacitance
See (2)
3.5
pF
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
1, 2, 3
2.7
V
Analog and Digital Supply
VA, VD
VA ≥ VD
Voltages
1, 2, 3
5.25
V
VA = VD = 2.7 V to 3.6 V,
fSAMPLE = 1 MSPS, fIN = 40
1, 2, 3
0.9
1.5
mA
kHz
Total Supply Current
Normal Mode ( CS low)
VA = VD = 4.75 V to 5.25 V,
fSAMPLE = 1 MSPS, fIN = 40
1, 2, 3
2.2
3.1
mA
IA + ID
kHz
VA = VD = 2.7 V to 3.6 V,
1, 2, 3
0.11
1
μA
fSCLK = 0 kSPS
Total Supply Current
Shutdown Mode (CS high)
VA = VD = 4.75 V to 5.25 V,
1, 2, 3
0.12
1.4
μA
fSCLK = 0 kSPS
(2)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC128S102QML-SP


Número de pieza similar - ADC128S102WGRQV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC128S102WGRQV NSC-ADC128S102WGRQV Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Descripción similar - ADC128S102WGRQV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com