Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS58J63IRMPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS58J63IRMPT
Descripción Electrónicos  Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58J63IRMPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS58J63IRMPT Datasheet HTML 4Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 5Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 6Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 7Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 8Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 9Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 10Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 11Page - Texas Instruments ADS58J63IRMPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
ADS58J63
SBAS717A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
AC Performance (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fIN = 10 MHz
70.7
73.9
fIN = 70 MHz
70.4
73.9
AIN = – 1 dBFS
69.4
73.1
fIN = 190 MHz
AIN = – 3 dBFS
70.2
73.5
Signal-to-noise and
SINAD
dBFS
distortion ratio
fIN = 300 MHz
68.9
72.5
fIN = 350 MHz
68.6
71.7
fIN = 370 MHz
68.2
fIN = 470 MHz
66.9
69.7
fIN = 10 MHz
89
88
fIN = 70 MHz
87
95
AIN = – 1 dBFS
86
97
fIN = 190 MHz
AIN = – 3 dBFS
78
88
96
Spurious-free dynamic
SFDR
dBc
range
fIN = 300 MHz
82
94
fIN = 350 MHz
82
82
fIN = 370 MHz
75
81
fIN = 470 MHz
73
74
fIN = 10 MHz
89
91
fIN = 70 MHz
94
103
AIN = – 1 dBFS
86
101
fIN = 190 MHz
AIN = – 3 dBFS
78
88
101
Second harmonic
HD2
dBc
distortion
fIN = 300 MHz
82
97
fIN = 350 MHz
82
82
fIN = 370 MHz
75
81
fIN = 470 MHz
73
74
fIN = 10 MHz
93
88
fIN = 70 MHz
87
99
AIN = – 1 dBFS
98
100
fIN = 190 MHz
AIN = – 3 dBFS
78
97
98
HD3
Third harmonic distortion
dBc
fIN = 300 MHz
95
100
fIN = 350 MHz
90
96
fIN = 370 MHz
75
85
fIN = 470 MHz
83
83
fIN = 10 MHz
94
98
fIN = 70 MHz
94
95
AIN = – 1 dBFS
93
97
fIN = 190 MHz
Non
Spurious-free dynamic
AIN = – 3 dBFS
87
93
96
HD2,
range (excluding HD2,
dBc
fIN = 300 MHz
92
94
HD3
HD3)
fIN = 350 MHz
91
94
fIN = 370 MHz
80
90
fIN = 470 MHz
87
93
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS58J63


Número de pieza similar - ADS58J63IRMPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58J63 TI-ADS58J63 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
More results

Descripción similar - ADS58J63IRMPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Analog Devices
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com