Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC3424IRTQR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
ADC3424IRTQR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 79 page ADC3421, ADC3422, ADC3423, ADC3424 www.ti.com SBAS673A – JULY 2014 – REVISED OCTOBER 2015 AC Performance: ADC3421 (continued) Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless otherwise noted. ADC3421 (fS = 25 MSPS) DITHER ON DITHER OFF PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT fIN = 10 MHz 93 92 fIN = 20 MHz 84 100 94 fIN = 70 MHz 93 92 Second-order harmonic HD2 dBc distortion fIN = 100 MHz 94 93 fIN = 170 MHz 86 85 fIN = 230 MHz 86 82 fIN = 10 MHz 96 90 fIN = 20 MHz 84 91 85 fIN = 70 MHz 93 88 HD3 Third-order harmonic distortion dBc fIN = 100 MHz 85 82 fIN = 170 MHz 89 89 fIN = 230 MHz 82 82 fIN = 10 MHz 99 92 fIN = 20 MHz 87 98 91 fIN = 70 MHz 96 92 Non Spurious-free dynamic range dBc HD2, HD3 (excluding HD2, HD3) fIN = 100 MHz 95 93 fIN = 170 MHz 92 90 fIN = 230 MHz 97 91 fIN = 10 MHz 90 86 fIN = 20 MHz 81 90 83 fIN = 70 MHz 89 85 THD Total harmonic distortion dBc fIN = 100 MHz 84 80 fIN = 170 MHz 84 83 fIN = 230 MHz 80 79 fIN1 = 45 MHz, –98 –98 fIN2 = 50 MHz Two-tone, third-order IMD3 dBFS intermodulation distortion fIN1 = 185 MHz, –91 –91 fIN2 = 190 MHz Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424 |
Número de pieza similar - ADC3424IRTQR |
|
Descripción similar - ADC3424IRTQR |