Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8331IBPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8331IBPWR
Descripción Electrónicos  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8331IBPWR Datasheet HTML 2Page - Texas Instruments ADS8331IBPWR Datasheet HTML 3Page - Texas Instruments ADS8331IBPWR Datasheet HTML 4Page - Texas Instruments ADS8331IBPWR Datasheet HTML 5Page - Texas Instruments ADS8331IBPWR Datasheet HTML 6Page - Texas Instruments ADS8331IBPWR Datasheet HTML 7Page - Texas Instruments ADS8331IBPWR Datasheet HTML 8Page - Texas Instruments ADS8331IBPWR Datasheet HTML 9Page - Texas Instruments ADS8331IBPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
ADS8331, ADS8332
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
7.5 Electrical Characteristics: VA = 2.7 V
At TA = –40°C to 85°C, VA = 2.7 V, VBD = 1.65 V to 2.7 V, VREF = 2.5 V, and fSAMPLE = 500 kSPS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage (1)
INX – COM, ADCIN – COM
0
VREF
V
INX, ADCIN
AGND – 0.2
VA + 0.2
V
Absolute input voltage
COM
AGND – 0.2
AGND + 0.2
V
Input capacitance
ADCIN
40
45
pF
Input leakage current
Unselected ADC input
±1
nA
SYSTEM PERFORMANCE
Resolution
16
Bits
No missing codes
16
Bits
ADS8331I, ADS8332I
–3
±2
3
INL
Integral linearity
LSB(2)
ADS8331IB, ADS8332IB
–2
±1.2
2
ADS8331I, ADS8332I
–1
±0.6
2
DNL
Differential linearity
LSB(2)
ADS8331IB, ADS8332IB
–1
±0.6
1.5
EO
Offset error(3)
–0.5
±0.15
0.5
mV
Offset error drift
±1
PPM/°C
Offset error matching
–0.2
0.2
mV
EG
Gain error
–0.25
–0.06
0.25
%FSR
Gain error drift
±0.4
PPM/°C
Gain error matching
–0.003
0.003
%FSR
Transition noise
28
μV RMS
PSRR
Power-supply rejection ratio
74
dB
SAMPLING DYNAMICS
tCONV
Conversion time
18
CCLK
tSAMPLE1
Manual-Trigger mode
3
CCLK
Acquisition time
tSAMPLE2
Auto-Trigger mode
3
CCLK
Throughput rate
500
kSPS
DYNAMIC CHARACTERISTICS
VIN = 2.5VPP at 1 kHz
–101
dB
THD
Total harmonic distortion (4)
VIN = 2.5VPP at 10 kHz
–95
dB
ADS8331I, ADS8332I
88
VIN = 2.5VPP at 1 kHz
dB
ADS8331IB, ADS8332IB
89
SNR
Signal-to-noise ratio
ADS8331I, ADS8332I
86.5
VIN = 2.5VPP at 10 kHz
dB
ADS8331IB, ADS8332IB
87.5
ADS8331I, ADS8332I
87.5
VIN = 2.5VPP at 1 kHz
dB
ADS8331IB, ADS8332IB
88.5
SINAD
Signal-to-noise + distortion
ADS8331I, ADS8332I
86
VIN = 2.5VPP at 10 kHz
dB
ADS8331IB, ADS8332IB
87
VIN = 2.5VPP at 1 kHz
103
dB
SFDR
Spurious-free dynamic range
VIN = 2.5VPP at 10 kHz
98
dB
VIN = 2.5VPP at 1 kHz
125
dB
Crosstalk
VIN = 2.5VPP at 100 kHz
108
dB
INX – COM with MUXOUT tied to ADCIN
17
MHz
–3-dB small-signal bandwidth
ADCIN – COM
30
MHz
CLOCK
Internal conversion clock
10.5
11
12.2
MHz
frequency
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
Measured relative to an ideal full-scale input (INX – COM) of 2.5 V when VA = 2.7 V.
(4)
Calculated on the first nine harmonics of the input frequency.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADS8331 ADS8332


Número de pieza similar - ADS8331IBPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8331IBPWR TI-ADS8331IBPWR Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBPWR TI-ADS8331IBPWR Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBPWR TI-ADS8331IBPWR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBPWR TI1-ADS8331IBPWR Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
More results

Descripción similar - ADS8331IBPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com