Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8698IDBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8698IDBT
Descripción Electrónicos  4- and 8-Channel, Single-Supply, SAR ADCs
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8698IDBT Datasheet(HTML) 1 Page - Texas Instruments

  ADS8698IDBT Datasheet HTML 1Page - Texas Instruments ADS8698IDBT Datasheet HTML 2Page - Texas Instruments ADS8698IDBT Datasheet HTML 3Page - Texas Instruments ADS8698IDBT Datasheet HTML 4Page - Texas Instruments ADS8698IDBT Datasheet HTML 5Page - Texas Instruments ADS8698IDBT Datasheet HTML 6Page - Texas Instruments ADS8698IDBT Datasheet HTML 7Page - Texas Instruments ADS8698IDBT Datasheet HTML 8Page - Texas Instruments ADS8698IDBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Oscillator
CS
SCLK
SDI
SDO
DAISY
REFSEL
RST / PD
REFCAP
REFIO
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB0
AIN_0P
AIN_0GND
OVP
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB1
AIN_1P
AIN_1GND
OVP
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB2
AIN_2P
AIN_2GND
OVP
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB3
AIN_3P
AIN_3GND
OVP
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB4
AIN_4P
AIN_4GND
OVP
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB5
AIN_5P
AIN_5GND
OVP
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB6
AIN_6P
AIN_6GND
OVP
PGA
1 M:
OVP
1 M:
2nd-Order
LPF
ADC
Driver
VB7
AIN_7P
AIN_7GND
OVP
AUX_IN
AUX_GND
18-Bit
SAR ADC
Digital
Logic
and
Interface
4.096-V
Reference
REFGND
DGND
AGND
DVDD
AVDD
ADS8698
ADS8694
ALARM
Internal ADC Operating as 16-Bit ADC
-0.05
-0.03
-0.01
0.01
0.03
0.05
±40
±7
26
59
92
125
Free-Air temperature (oC)
C027
----- ± 2.5*V
REF
----- ] 1.25*VREF
----- ] 0.625*VREF
----- + 2.5*V
REF
-----+1.25*V
REF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
ADS8694, ADS8698
SBAS686 – JULY 2015
ADS869x 18-Bit, 500-kSPS, 4- and 8-Channel, Single-Supply, SAR ADCs with
Bipolar Input Ranges
1 Features
2 Applications
1
18-Bit ADCs with Integrated Analog Front-End
Power Automation
4-, 8-Channel MUX with Auto and Manual Scan
Protection Relays
Channel-Independent Programmable Inputs:
PLC Analog Input Modules
±10.24 V, ±5.12 V, ±2.56 V
3 Description
10.24 V, 5.12 V
The ADS8694 and ADS8698 are 4- and 8-channel,
5-V Analog Supply: 1.65-V to 5-V I/O Supply
integrated data acquisition systems based on a 18-bit
Constant Resistive Input Impedance: 1 M
Ω
successive
approximation
(SAR)
analog-to-digital
converter
(ADC),
operating
at
a
throughput
of
Input Overvoltage Protection: Up to ±20 V
500 kSPS. The devices feature integrated analog
On-Chip, 4.096-V Reference with Low Drift
front-end
circuitry
for
each
input
channel
with
Excellent Performance:
overvoltage protection up to ±20 V, a 4- or 8-channel
multiplexer with automatic and manual scanning
500-kSPS Aggregate Throughput
modes, and an on-chip, 4.096-V reference with low
DNL: ±0.5 LSB; INL: ±1.5 LSB
temperature drift. Operating on a single 5-V analog
Low Drift for Gain Error and Offset
supply, each input channel on the devices can
SNR: 93.5 dB; THD: –105 dB
support true bipolar input ranges of ±10.24 V,
±5.12 V, and ±2.56 V, as well as unipolar input
Low Power: 65 mW
ranges of 0 V to 10.24 V and 0 V to 5.12 V. The gain
AUX Input
→ Direct Connection to ADC Inputs
of the analog front-end for all input ranges is
ALARM
→ High and Low Thresholds per Channel
accurately trimmed to ensure a high dc precision. The
input range selection is software-programmable and
SPI™-Compatible Interface with Daisy-Chain
independent for each channel. The devices offer a
Industrial Temperature Range: –40°C to 125°C
1-M
Ω constant resistive input impedance irrespective
TSSOP-38 Package (9.7 mm × 4.4 mm)
of the selected input range.
The ADS8694 and ADS8698 offer a simple SPI-
Block Diagram
compatible serial interface to the digital host and also
support daisy-chaining of multiple devices. The digital
supply operates from 1.65 V to 5.25 V, enabling
direct interface to a wide range of host controllers.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS869x
TSSOP (38)
9.70 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Gain Error versus Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - ADS8698IDBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691IPW TI1-ADS8691IPW Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691IPWR TI1-ADS8691IPWR Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691IRUMR TI1-ADS8691IRUMR Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691IRUMT TI1-ADS8691IRUMT Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results

Descripción similar - ADS8698IDBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com