Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8881IDGS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8881IDGS
Descripción Electrónicos  Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8881IDGS Datasheet(HTML) 5 Page - Texas Instruments

  ADS8881IDGS Datasheet HTML 1Page - Texas Instruments ADS8881IDGS Datasheet HTML 2Page - Texas Instruments ADS8881IDGS Datasheet HTML 3Page - Texas Instruments ADS8881IDGS Datasheet HTML 4Page - Texas Instruments ADS8881IDGS Datasheet HTML 5Page - Texas Instruments ADS8881IDGS Datasheet HTML 6Page - Texas Instruments ADS8881IDGS Datasheet HTML 7Page - Texas Instruments ADS8881IDGS Datasheet HTML 8Page - Texas Instruments ADS8881IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
Thermal
PAD
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
ADS8881C, ADS8881I
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Table 4. Related Documentation
PRECISION HUB BLOGS
Using SAR ADC TINA models: Static behavior, power scaling
Using SAR ADC TINA models: Much ado about settling
SAR ADC response times: Respond quickly, control quickly
Input considerations for SAR ADCs
Table 5. Tools & Support
TINA MODEL
IBIS MODEL
EVALUATION MODEL
ADS8881 TINA-TI Reference Design
ADS8881 IBIS Model
ADS8881EVM-PDK
6 Pin Configurations and Functions
DGS Package
DRC Package
VSSOP-10
VSON-10
Top View, Not to Scale
Top View, Not to Scale
Pin Functions
PIN
NAME
NO.
I/O
DESCRIPTION
AINN
4
Analog input
Inverting analog signal input
AINP
3
Analog input
Noninverting analog signal input
AVDD
2
Analog
Analog power supply. This pin must be decoupled to GND with a 1-
μF capacitor.
Convert input. This pin also functions as the CS input in 3-wire interface mode; see the
CONVST
6
Digital input
Description and Timing Requirements sections for more details.
Serial data input. The DIN level at the start of a conversion selects the mode of operation
DIN
9
Digital input
(such as CS or daisy-chain mode). This pin also serves as the CS input in 4-wire interface
mode; see the Description and Timing Requirements sections for more details.
DOUT
7
Digital output
Serial data output
DVDD
10
Power supply
Digital interface power supply. This pin must be decoupled to GND with a 1-
μF capacitor.
Device ground. Note that this pin is a common ground pin for both the analog power supply
GND
5
Analog, digital
(AVDD) and digital I/O supply (DVDD). The reference return line is also internally connected to
this pin.
REF
1
Analog
Positive reference input. This pin must be decoupled with a 10-
μF or larger capacitor.
SCLK
8
Digital input
Clock input for serial interface. Data output (on DOUT) are synchronized with this clock.
Thermal
Exposed thermal pad (only for the DRC package option). Texas Instruments recommends
Thermal pad
pad
connecting the thermal pad to the printed circuit board (PCB) ground.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS8881C ADS8881I


Número de pieza similar - ADS8881IDGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8881IDGS TI-ADS8881IDGS Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881IDGSR TI-ADS8881IDGSR Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Descripción similar - ADS8881IDGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com