Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8881IDRCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8881IDRCR
Descripción Electrónicos  Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8881IDRCR Datasheet(HTML) 4 Page - Texas Instruments

  ADS8881IDRCR Datasheet HTML 1Page - Texas Instruments ADS8881IDRCR Datasheet HTML 2Page - Texas Instruments ADS8881IDRCR Datasheet HTML 3Page - Texas Instruments ADS8881IDRCR Datasheet HTML 4Page - Texas Instruments ADS8881IDRCR Datasheet HTML 5Page - Texas Instruments ADS8881IDRCR Datasheet HTML 6Page - Texas Instruments ADS8881IDRCR Datasheet HTML 7Page - Texas Instruments ADS8881IDRCR Datasheet HTML 8Page - Texas Instruments ADS8881IDRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
ADS8881C, ADS8881I
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
5 Recommended Devices and Designs
Table 1. Device Comparison
THROUGHPUT
18-BIT, TRUE-DIFFERENTIAL
16-BIT, SINGLE-ENDED
16-BIT, TRUE-DIFFERENTIAL
100 kSPS
ADS8887
ADS8866
ADS8867
250 kSPS
ADS8339(1)
400 kSPS
ADS8885
ADS8864
ADS8865
500 kSPS
ADS8319(1)
ADS8318(1)(2)
680 kSPS
ADS8883
ADS8862
ADS8863
1 MSPS
ADS8881
ADS8860
ADS8861
(1)
Pin-to-pin compatible device with AVDD = 5 V.
(2)
Supports standard for fully-differential input.
Table 2. Companion Devices
DEVICE
DESCRIPTION
PRECISION AMPLIFIERS
Low-Power Amplifiers
OPA313
1-MHz, micropower, low-noise, rail-to-rail I/O 1.8-V operational amplifier
OPA333
1.8-V, 17-µA, micropower, precision, zero-drift CMOS operational amplifier
Low-Distortion Amplifiers
OPA625
High-bandwidth, high-precision, low-noise, and low-distortion amplifier SAR ADC driver with power scaling
OPA350
High-speed, single-supply, rail-to-rail operational amplifiers microamplifier™ series
OPA320
Precision, 20-MHz, 0.9-pA Ib, RRIO, CMOS operational amplifier
THS4521
Very low-power, rail-to-rail output, fully-differential amplifier
High-Speed Amplifiers
THS4281
Very low-power, high-speed, rail-to-rail input/output, voltage-feedback operational amplifier
THS4031
100-MHz low noise voltage-feedback amplifier
PGAs and Instrumentation Amplifiers
INA333
Low-power, precision instrumentation amplifier
INA826
Precision, 200-
μA supply current, 36-V supply instrumentation amplifier
PRECISION REFERENCES
REF50xx
Low-noise, very low-drift, precision voltage reference
REF33xx
30-ppm/°C drift, 3.9-µA, SOT23-3, SC70-3 voltage reference
REF20xx
Low-drift, low-power, dual-output VREF and VREF / 2 voltage reference
Table 3. Recommended TI Designs
DESIGN
DESCRIPTION
TIPD112
Data acquisition for mux and step inputs, 18-bit, 1-µs, full-scale response reference design
TIPD113
Data acquisition for 10-kHz ac, 35-mW, 18-Bit, 1-MSPS reference design
TIPD114
Data acquisition at 1-kHz ac, 1-mW, 18-bit, 1-MSPS reference design
TIPD115
Data acquisition optimized for lowest distortion, lowest noise, 18-bit, 1-MSPS reference design
TIPD116
Data acquisition block for ECG systems, discrete LEAD I ECG implementation reference design
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ADS8881C ADS8881I


Número de pieza similar - ADS8881IDRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8881IDRCR TI-ADS8881IDRCR Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Descripción similar - ADS8881IDRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com