Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1204DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1204DW
Descripción Electrónicos  AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204DW Datasheet(HTML) 5 Page - Texas Instruments

  AMC1204DW Datasheet HTML 1Page - Texas Instruments AMC1204DW Datasheet HTML 2Page - Texas Instruments AMC1204DW Datasheet HTML 3Page - Texas Instruments AMC1204DW Datasheet HTML 4Page - Texas Instruments AMC1204DW Datasheet HTML 5Page - Texas Instruments AMC1204DW Datasheet HTML 6Page - Texas Instruments AMC1204DW Datasheet HTML 7Page - Texas Instruments AMC1204DW Datasheet HTML 8Page - Texas Instruments AMC1204DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AMC1204, AMC1204B
www.ti.com
SBAS512E – APRIL 2011 – REVISED SEPTEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
Over the operating ambient temperature range, unless otherwise noted.
(1)
MIN
MAX
UNIT
Supply voltage, AVDD to AGND or DVDD to DGND
–0.3
6
V
Analog input voltage at VINP, VINN
AGND – 0.5
AVDD + 0.5
V
Digital input voltage at CLKIN
DGND – 0.3
DVDD + 0.3
V
Input current to any pin except supply pins
–10
10
mA
Maximum virtual junction temperature, TJ
150
°C
Operating ambient temperature, TOA
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per JEDEC standard 22, test method A114-
±3000
C.01(1)
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC standard 22, test method
V
±1500
C101(2)
Machine model (MM), per JEDEC standard 22, test method A115A
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating ambient temperature
–40
105
°C
AVDD
High-side (analog) supply voltage
4.5
5
5.5
V
DVDD
Controller-side (digital) supply voltage
2.7
3.3
5.5
V
6.4 Thermal Information
AMC1204, AMC1204B
THERMAL METRIC(1)
DW (SOIC)
DWV (SOIC)
UNIT
16 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
78.5
106.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
41.3
53.6
°C/W
RθJB
Junction-to-board thermal resistance
50.2
60.3
°C/W
ψJT
Junction-to-top characterization parameter
11.5
18.5
°C/W
ψJB
Junction-to-board characterization parameter
41.2
58.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC1204 AMC1204B


Número de pieza similar - AMC1204DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1204DW TI1-AMC1204DW Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DW TI1-AMC1204DW Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DW TI1-AMC1204DW Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DW TI1-AMC1204DW Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204DWR TI1-AMC1204DWR Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
More results

Descripción similar - AMC1204DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com