Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC121S101CIMK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC121S101CIMK
Descripción Electrónicos  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101CIMK Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC121S101CIMK Datasheet HTML 4Page - Texas Instruments DAC121S101CIMK Datasheet HTML 5Page - Texas Instruments DAC121S101CIMK Datasheet HTML 6Page - Texas Instruments DAC121S101CIMK Datasheet HTML 7Page - Texas Instruments DAC121S101CIMK Datasheet HTML 8Page - Texas Instruments DAC121S101CIMK Datasheet HTML 9Page - Texas Instruments DAC121S101CIMK Datasheet HTML 10Page - Texas Instruments DAC121S101CIMK Datasheet HTML 11Page - Texas Instruments DAC121S101CIMK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
OUTPUT
VOLTAGE
DIGITAL INPUT CODE
0
0
4095
ZE
FSE
GE = FSE - ZE
FSE = GE + ZE
4095 x VA
4096
DAC121S101, DAC121S101-Q1
SNAS265J – JUNE 2005 – REVISED SEPTEMBER 2015
www.ti.com
AC and Timing Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 48 to 4047. All limits are for TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
2.5
tDHD
Data Hold Time
ns
TMIN ≤ TA ≤ TMAX
4.5
TA = 25°C
0
VA = 5 V
ns
TMIN ≤ TA
3
TMAX
SCLK fall to rise of
tCS
SYNC
TA = 25°C
–2
VA = 3 V
ns
TMIN ≤ TA
1
TMAX
TA = 25°C
9
2.7
≤ VA ≤ 3.6
ns
TMIN ≤ TA
20
TMAX
tSYNC SYNC High Time
TA = 25°C
5
3.6
≤ VA ≤ 5.5
ns
TMIN ≤ TA
10
TMAX
Figure 1. Input / Output Transfer Characteristic
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC121S101 DAC121S101-Q1


Número de pieza similar - DAC121S101CIMK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC121S101CIMK NSC-DAC121S101CIMK Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMK NSC-DAC121S101CIMK Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101CIMK TI-DAC121S101CIMK Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Descripción similar - DAC121S101CIMK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com