Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC3482IRKDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC3482IRKDR
Descripción Electrónicos  Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IRKDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC3482IRKDR Datasheet HTML 5Page - Texas Instruments DAC3482IRKDR Datasheet HTML 6Page - Texas Instruments DAC3482IRKDR Datasheet HTML 7Page - Texas Instruments DAC3482IRKDR Datasheet HTML 8Page - Texas Instruments DAC3482IRKDR Datasheet HTML 9Page - Texas Instruments DAC3482IRKDR Datasheet HTML 10Page - Texas Instruments DAC3482IRKDR Datasheet HTML 11Page - Texas Instruments DAC3482IRKDR Datasheet HTML 12Page - Texas Instruments DAC3482IRKDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
GND
GND
GND
SLEEP
GND
OS
TRN
N/C
N/C
SYNCN
D15N
D14N
D13N
D12N
TEST
MODE
OS
TRP
GND
DAC
CLKP
DAC
CLKN
GND
N/C
N/C
SYNCP
D15P
D14P
D13P
D12P
GND
GND
IOUT
IN
IOUT
IP
GND
GND
IOUT
QP
IOUT
QN
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PLL
AVDD
LPF
GND
GND
EXTIO
BIASJ
GND
N/C
GND
ALARM
SDO
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
N/C
RESET
B
SDENB
AVDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
AVDD
GND
TX
ENABLE
SCLK
DAC
VDD
DAC
VDD
GND
GND
GND
DAC
VDD
DAC
VDD
GND
PLL
AVDD
N/C
GND
GND
GND
GND
N/C
SDIO
GND
GND
GND
GND
GND
GND
GND
GND
GND
VFUSE
DIG
VDD
GND
GND
GND
DIG
VDD
N/C
GND
GND
GND
GND
N/C
N/C
N/C
N/C
GND
IO
VDD
DIG
VDD
GND
GND
GND
GND
DIG
VDD
IO
VDD
GND
N/C
N/C
GND
IO
VDD
DIG
VDD
DIG
VDD
IO
VDD
IO
VDD
DIG
VDD
DIG
VDD
IO
VDD
GND
PARITY
P
PARITY
N
N/C
N/C
N/C
N/C
D11P
D10P
D11N
D10N
N/C
N/C
N/C
N/C
D9P
D8P
D9N
D8N
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
D7P
D6P
D7N
D6N
N/C
N/C
N/C
N/C
D5P
D4P
D5N
D4N
D0P
D0N
D1P
D1N
D2P
D2N
D3P
D3N
DATA
CLKP
DATA
CLKN
FRAME
P
FRAME
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
9
8
7
6
5
4
3
2
1
DAC Output
Clock Input
Sync/Parity Input
Data Input
CMOS Pins
N/C
3.3V Supply
Ground
P0134-02
CLK
VDD
GND
1.2V Supply
(except for IOVDD2)
GND
GND
GND
GND
DAC3482
www.ti.com
SLAS748F – MARCH 2011 – REVISED AUGUST 2015
ZAY Package
196-Ball NFBGA
Top View
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC3482


Número de pieza similar - DAC3482IRKDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Descripción similar - DAC3482IRKDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com