Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7563SDSCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC7563SDSCR
Descripción Electrónicos  Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7563SDSCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7563SDSCR Datasheet HTML 5Page - Texas Instruments DAC7563SDSCR Datasheet HTML 6Page - Texas Instruments DAC7563SDSCR Datasheet HTML 7Page - Texas Instruments DAC7563SDSCR Datasheet HTML 8Page - Texas Instruments DAC7563SDSCR Datasheet HTML 9Page - Texas Instruments DAC7563SDSCR Datasheet HTML 10Page - Texas Instruments DAC7563SDSCR Datasheet HTML 11Page - Texas Instruments DAC7563SDSCR Datasheet HTML 12Page - Texas Instruments DAC7563SDSCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
SCLK
SYNC
D
IN
V
x
OUT
DB23
DB0
LDAC
(1)
LDAC
(2)
CLR
t
(2)
t
(6)
t
(9)
t
(10)
t
(8)
t
(5)
t
(3)
t
(12)
t
(13)
t
(14)
t
(11)
t
(1)
t
(4)
t
(7)
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
7.6 Timing Requirements
(1) (2)
At AVDD = 2.7 V to 5.5 V and over –40°C to 125°C (unless otherwise noted).
DAC756x, DAC816x,
DAC856x
UNIT
MIN
TYP
MAX
f(SCLK)
Serial clock frequency
50
MHz
t(1)
SCLK falling edge to SYNC falling edge (for successful write operation)
10
ns
t(2)
SCLK cycle time
20
ns
t(3)
SYNC rising edge to 23rd SCLK falling edge (for successful SYNC interrupt)
13
ns
t(4)
Minimum SYNC HIGH time
80
ns
t(5)
SYNC to SCLK falling edge setup time
13
ns
t(6)
SCLK LOW time
8
ns
t(7)
SCLK HIGH time
8
ns
t(8)
SCLK falling edge to SYNC rising edge
10
ns
t(9)
Data setup time
6
ns
t(10)
Data hold time
5
ns
t(11)
SCLK falling edge to LDAC falling edge for asynchronous LDAC update mode
5
ns
t(12)
LDAC pulse duration, LOW time
10
ns
t(13)
CLR pulse duration, LOW time
80
ns
t(14)
CLR falling edge to start of VOUT transition
100
ns
(1)
All input signals are specified with tr = tf = 3 ns (10% to 90% of AVDD) and timed from a voltage level of (VIL + VIH) / 2.
(2)
See the Serial Write Operation timing diagram (Figure 1).
(1)
Asynchronous LDAC update mode. For more information, see the LDAC Functionality section.
(2)
Synchronous LDAC update mode; LDAC remains low. For more information, see the LDAC Functionality section.
Figure 1. Serial Write Operation
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563


Número de pieza similar - DAC7563SDSCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7563SDSCR TI1-DAC7563SDSCR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7563SDSCR TI1-DAC7563SDSCR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Descripción similar - DAC7563SDSCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
   Internal reference source Adjusted idler voltage
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com