Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7563T Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC7563T
Descripción Electrónicos  Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7563T Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7563T Datasheet HTML 3Page - Texas Instruments DAC7563T Datasheet HTML 4Page - Texas Instruments DAC7563T Datasheet HTML 5Page - Texas Instruments DAC7563T Datasheet HTML 6Page - Texas Instruments DAC7563T Datasheet HTML 7Page - Texas Instruments DAC7563T Datasheet HTML 8Page - Texas Instruments DAC7563T Datasheet HTML 9Page - Texas Instruments DAC7563T Datasheet HTML 10Page - Texas Instruments DAC7563T Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
www.ti.com
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
External VREF = 2.5 V (when internal reference is
External reference current
15
µA
disabled), all channels active using gain = 1
Internal reference disabled, gain = 1
170
Reference input impedance
k
Ω
Internal reference disabled, gain = 2
85
REFERENCE OUTPUT
Output voltage
TA = 25°C
2.495
2.5
2.505
V
Initial accuracy
TA = 25°C
–5
±0.1
5
mV
Internal reference output voltage temperature drift is
Output-voltage temperature drift
4
10
ppm/°C
characterized from –40°C to 125°C.
Output-voltage noise
f = 0.1 Hz to 10 Hz
12
µVPP
TA = 25°C, f = 1 kHz, CL = 0 µF
250
Output-voltage noise density (high-
TA = 25°C, f = 1 MHz, CL = 0 µF
30
nV/
√Hz
frequency noise)
TA = 25°C, f = 1 MHz, CL = 4.7 µF
10
Load regulation, sourcing(4)
TA = 25°C
20
µV/mA
Load regulation, sinking(4)
TA = 25°C
185
µV/mA
Output-current load capability(2)
±20
mA
Line regulation
TA = 25°C
50
µV/V
Long-term stability or drift (aging)(4)
TA = 25°C, time = 0 to 1900 hours
100
ppm
First cycle
200
Thermal hysteresis(4)
ppm
Additional cycles
50
POWER REQUIREMENTS(5)
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.25
0.5
reference off, Digital inputs at VDD or GND
AVDD = 3.6 V to 5.5 V, normal mode, internal
4
reference off, Digital inputs at TTL level
mA
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.9
1.6
reference on, Digital inputs at VDD or GND
AVDD = 3.6 V to 5.5 V, normal mode, internal
5
reference on, Digital inputs at TTL level
AVDD = 3.6 V to 5.5 V, power-down modes, Digital
0.55
4
µA
inputs at VDD or GND
Power supply current (IDD)
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.2
0.4
reference off, Digital inputs at VDD or GND
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.8
reference off, Digital inputs at TTL level
mA
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.73
1.4
reference on, Digital inputs at VDD or GND
AVDD = 2.7 V to 3.6 V, normal mode, internal
1.8
reference on, Digital inputs at TTL level
AVDD = 2.7 V to 3.6 V, power-down modes, Digital
0.35
3
µA
inputs at VDD or GND
(4)
See the Application Information section of this data sheet.
(5)
Input code = mid-scale, no load
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T


Número de pieza similar - DAC7563T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7563 TI1-DAC7563 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7563 TI-DAC7563 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC7563-Q1 TI1-DAC7563-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power, Buffered, Voltage-Output DACs
DAC7563SDGSR TI1-DAC7563SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7563SDGSR TI1-DAC7563SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Descripción similar - DAC7563T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7562 TI1-DAC7562_15 Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
   Internal reference source Adjusted idler voltage
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com