Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DL47 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
DL47 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 3 page DL47-SERIES ZENER DIODES Zener Voltage:3.3-100V Peak Pulse Power:1000MW Case: DL-41 molded glass body Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce,0.33 grams FEATURE MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS C Zener Current see Table Characteristics Power Dissipation at Tamb=25 C(Note 1) Junction Temperature Storage Temperature Range Thermal resistance junction ambient(Note 1 Forward voltage at IF=200mA SYMBOLS UNITS VALUE mW KW V Ratings at 25 C ambient temperature unless otherwise specified. Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature Ptot Tj TSTG RqJA VF C 1000 175 -65 to + 175 0.3 1.1 Low zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260 C/10S at terminals Dimensions in inches and (millimeters) 0.216(5.5) 0.201(5.1) 0.110(2.8) 0.102(2.6) 0.020(0.5) 0.012(0.3) 0.020(0.5) 0.012(0.3) DL-41 www.shunyegroup.com.cn |
Número de pieza similar - DL47 |
|
Descripción similar - DL47 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |