Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS426L1 Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza BTS426L1
Descripción Electrónicos  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS426L1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS426L1 Datasheet HTML 1Page - Infineon Technologies AG BTS426L1 Datasheet HTML 2Page - Infineon Technologies AG BTS426L1 Datasheet HTML 3Page - Infineon Technologies AG BTS426L1 Datasheet HTML 4Page - Infineon Technologies AG BTS426L1 Datasheet HTML 5Page - Infineon Technologies AG BTS426L1 Datasheet HTML 6Page - Infineon Technologies AG BTS426L1 Datasheet HTML 7Page - Infineon Technologies AG BTS426L1 Datasheet HTML 8Page - Infineon Technologies AG BTS426L1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BTS426L1
Semiconductor Group
2
2003-Oct-01
Pin
Symbol
Function
1
GND
-
Logic ground
2
IN
I
Input, activates the power switch in case of logical high signal
3
Vbb
+
Positive power supply voltage,
the tab is shorted to this pin
4
ST
S
Diagnostic feedback, low on failure
5
OUT
(Load, L)
O
Output to the load
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 3)
Vbb
43
V
Supply voltage for full short circuit protection
Tj Start=-40 ...+150°C
Vbb
34
V
Load dump protection2) VLoadDump = UA + Vs, UA = 13.5 V
RI3)= 2
Ω, RL= 1.7 Ω, td= 200 ms, IN= low or high
VLoad dump4)
60
V
Load current (Short circuit current, see page 4)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC), TC
≤ 25 °C
Ptot
75
W
Inductive load switch-off energy dissipation, single pulse
Vbb =12V, Tj,start =150°C, TC =150°C const.
IL = 7.0 A, ZL = 24 mH, 0 Ω:
EAS
0.74
J
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
all other pins:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
VESD
1.0
2.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagrams page 6
IIN
IST
±2.0
±5.0
mA
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
junction - ambient (free air):
RthJC
RthJA
--
--
--
--
1.67
75
K/W
SMD version, device on PCB5):
34
2
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a 150 Ω resistor in the
GND connection and a 15 k
Ω resistor in series with the status pin. A resistor for the protection of the input is integrated.
3)
RI = internal resistance of the load dump test pulse generator
4)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb connection. PCB is vertical
without blown air.


Número de pieza similar - BTS426L1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
logo
Infineon Technologies A...
BTS426L1 INFINEON-BTS426L1 Datasheet
459Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS426L1 INFINEON-BTS426L1_13 Datasheet
459Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
More results

Descripción similar - BTS426L1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com