Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS4S200B-TR Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STPS4S200B-TR
Descripción Electrónicos  Power Schottky rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4S200B-TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS4S200B-TR Datasheet HTML 5Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 6Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 7Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 8Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 9Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 10Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 11Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 12Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID027021 Rev2
11/13
STPS4S200
Package information
Figure 18. SMC footprint, dimensions in mm (inches)
Table 7. SMC dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b(1)
1.
Dimensions b and c apply to plated leads
2.90
3.20
0.114
0.126
c(1)
0.15
0.40
0.006
0.016
D
5.55
6.25
0.218
0.246
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
L
0.75
1.50
0.030
0.059


Número de pieza similar - STPS4S200B-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C_11 Datasheet
109Kb / 9P
   Power Schottky rectifier
More results

Descripción similar - STPS4S200B-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com