Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS740S2 Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza BTS740S2
Descripción Electrónicos  Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS740S2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS740S2 Datasheet HTML 1Page - Infineon Technologies AG BTS740S2 Datasheet HTML 2Page - Infineon Technologies AG BTS740S2 Datasheet HTML 3Page - Infineon Technologies AG BTS740S2 Datasheet HTML 4Page - Infineon Technologies AG BTS740S2 Datasheet HTML 5Page - Infineon Technologies AG BTS740S2 Datasheet HTML 6Page - Infineon Technologies AG BTS740S2 Datasheet HTML 7Page - Infineon Technologies AG BTS740S2 Datasheet HTML 8Page - Infineon Technologies AG BTS740S2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PROFET® BTS 740 S2
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
2003-Oct-01
Overvoltage hysteresis
∆V
bb(over)
--
1
--
V
Overvoltage protection10)
Tj =-40:
Ibb=40 mA
Tj =+25...+150°C:
Vbb(AZ)
41
43
--
47
--
52
V
Standby current11
)
Tj =-40°C...25°C:
VIN = 0;
Tj =150°C:
Ibb(off)
--
--
8
24
30
50
µA
Leakage output current (included in Ibb(off))
VIN = 0
IL(off)
--
--
20
µA
Operating current 12), VIN = 5V,
IGND = IGND1 + IGND2,
one channel on:
two channels on:
IGND
--
--
1.2
2.4
3
6
mA
Protection Functions13)
Current limit, (see timing diagrams, page 12)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(lim)
48
40
31
56
50
37
65
58
45
A
Repetitive short circuit current limit,
Tj = Tjt
each channel
two parallel channels
(see timing diagrams, page 12)
IL(SCr)
--
--
24
24
--
--
A
Initial short circuit shutdown time
Tj,start =25°C:
(see timing diagrams on page 12)
toff(SC)
--
2.0
--
ms
Output clamp (inductive load switch off)14)
at VON(CL) = Vbb - VOUT, IL= 40 mA
Tj =-40°C:
Tj =25°C...150°C:
VON(CL)
41
43
--
47
--
52
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
T
jt
--
10
--
K
10) Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150 Ω
resistor in the GND connection is recommended). See also VON(CL) in table of protection functions and
circuit diagram page 9.
11
) Measured with load; for the whole device; all channels off
12
) Add IST, if IST > 0
13
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
14
) If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)


Número de pieza similar - BTS740S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS740S2 INFINEON-BTS740S2 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
More results

Descripción similar - BTS740S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS737S3 INFINEON-BTS737S3 Datasheet
294Kb / 15P
   Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
2004-Feb-19
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com