Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAL-CW1250D3 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza BAL-CW1250D3
Descripción Electrónicos  50 ??nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CW1250D3 Datasheet(HTML) 2 Page - STMicroelectronics

  BAL-CW1250D3 Datasheet HTML 1Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 2Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 3Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 4Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 5Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 6Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 7Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 8Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
BAL-CW1250D3
2/10
DocID024678 Rev 2
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
Min
Typ
Max
PIN
Average power RFIN
24
dBm
VESD
ESD ratings MIL STD883C
(HBM: C = 100 pF, R = 1.5 k
Ω, air discharge)
2000
V
ESD ratings charged device model
(JESD22-C101-D)
500
ESD ratings machine model
(MM: C = 200 pF, R = 25
Ω, L = 500 nH)
200
TOP
Operating temperature
-30 to +85
°C
Table 2. Impedances (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min
Typ
Max
ZOUT
Nominal differential output impedance
matched
Ω
ZIN
Nominal input impedance
50
Ω
Table 3. RF performance (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min
Typ
Max
F
Frequency range (bandwidth)
2400
2500
MHz
IL
Insertion loss in bandwidth
0.97
dB
RL SE
Single ended return loss in bandwidth
-21
dB
RL DIFF
Differential return loss in bandwidth
-24
dB
φimb
Phase imbalance
-10
10
°
Aimb
Amplitude imbalance
-1
0.1
1
dB
Att2f0
2nd harmonic attenuation
-19
dB


Número de pieza similar - BAL-CW1250D3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
   Low amplitude imbalance
BAL-CC25-01D3 STMICROELECTRONICS-BAL-CC25-01D3 Datasheet
473Kb / 10P
   50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
November 2015 Rev 4
BAL-CC25-02D3 STMICROELECTRONICS-BAL-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
More results

Descripción similar - BAL-CW1250D3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
   50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
July 2016 Rev 1
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
   50 ??nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
June 2014 Rev 2
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
   50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
DS12205 - Rev 3 - April 2018
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com