Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB180 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

No. de pieza SB180
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Página de inicio  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SB180 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SB180 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SB180 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SB120 THRU SB1B0
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
40
32
24
16
8
0
0.2
0.4
0.6
0.8
1.0
1.1
0.01
0.1
1
10
100
100
10
1
0.1
t,PULSE DURATION,sec.
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300 ms
1%DUTY CYCLE
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=25 C
TJ=100 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
SB150-SB1B0
SB120-SB140
SB150-SB160
SB120-SB140
SB170-SB1B0
TJ=75 C
0.1
1.0
10
100
REVERSE VOLTAGE,VOLTS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TJ=25 C
10
100
1000
2000
SB150-SB1B0
SB120-SB140
www.shunyegroup.com.cn


Número de pieza similar - SB180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB180 PANJIT-SB180 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Tak Cheong Electronics ...
SB180 TAK_CHEONG-SB180 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
logo
Continental Device Indi...
SB180 CDIL-SB180 Datasheet
485Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com