Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMF7V5A Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

No. de pieza SMF7V5A
Descripción Electrónicos  SURFACE MOUNT ESD PROTECTION DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Página de inicio  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMF7V5A Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMF7V5A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMF7V5A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMF7V5A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS(Ratings at T
J=25℃ unless otherwise specified)uni-birectional only
TABLE1
SMF5V0A
AE
6.40
10
5.0
400
21.7
9.2
SMF6V0A
AG
6.67
10
6.0
400
19.4
10.3
SMF6V5A
AK
7.22
10
6.5
250
17.9
11.2
SMF7V0A
AM
7.78
10
7.0
100
16.7
12.0
SMF7V5A
AP
8.33
1.0
7.5
50
15.5
12.9
SMF8V0A
AR
8.89
1.0
8.0
25
14.7
13.6
SMF8V5A
AT
9.44
1.0
8.5
10
13.9
14.4
SMF9V0A
AV
10.0
1.0
9.0
5.0
13.5
15.4
SMF10A
AX
11.1
1.0
10
2.5
11.8
17.0
SMF11A
AZ
12.2
1.0
11
2.5
11.0
18.2
SMF12A
BE
13.3
1.0
12
2.5
10.1
19.9
SMF13A
BG
14.4
1.0
13
1.0
9.3
21.5
SMF14A
BK
15.6
1.0
14
1.0
8.6
23.2
SMF15A
BM
16.7
1.0
15
1.0
8.2
24.4
SMF16A
BP
17.8
1.0
16
1.0
7.7
26.0
SMF17A
BR
18.9
1.0
17
1.0
7.2
27.6
SMF18A
BT
20.0
1.0
18
1.0
5.8
29.2
SMF20A
BV
22.2
1.0
20
1.0
6.2
32.4
SMF22A
BX
24.4
1.0
22
1.0
5.6
35.5
SMF24A
BZ
26.7
1.0
24
1.0
5.1
38.9
SMF26A
CE
28.9
1.0
26
1.0
4.8
42.1
SMF28A
CG
31.1
1.0
28
1.0
4.4
45.4
SMF30A
CK
33.3
1.0
30
1.0
4.1
48.4
SMF33A
CM
36.7
1.0
33
1.0
3.8
53.3
SMF36A
CP
40.0
1.0
36
1.0
3.4
58.1
SMF40A
CR
44.4
1.0
40
1.0
3.1
64.5
SMF43A
CT
47.8
1.0
43
1.0
2.9
69.4
SMF45A
CV
50.0
1.0
45
1.0
2.8
72.7
SMF48A
CX
53.3
1.0
48
1.0
2.6
77.4
SMF51A
CZ
56.7
1.0
51
1.0
2.4
82.4
Vc@IPPM
V
Type
IPPM
2)
A
IT
m A
VWM
V
ID@VWM
µ A
V(BR)
1)
V
Min
Marking
Code
UNI
www.shunyegroup.com.cn


Número de pieza similar - SMF7V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
SMF7V5A BILIN-SMF7V5A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF7V5A VISHAY-SMF7V5A Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
SMF7V5A VISHAY-SMF7V5A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.3, 27-Oct-08
logo
Shenzhen Luguang Electr...
SMF7V5A LUGUANG-SMF7V5A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF7V5A VISHAY-SMF7V5A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Descripción similar - SMF7V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com