Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC356 Datasheet(PDF) 1 Page - Shunye Enterprise

No. de pieza TC356
Descripción Electrónicos  5/16 TIN-CAN DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHUNYE [Shunye Enterprise]
Página de inicio  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

TC356 Datasheet(HTML) 1 Page - Shunye Enterprise

  TC356 Datasheet HTML 1Page - Shunye Enterprise TC356 Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TC3505
THRU
TC356
5/16”
TIN-CAN
DIODES
特征
FEATURES
TC
.35安培工作温度为25度,无热膨胀下.
35 Ampere Operation At TL=125℃ With No Thermal Runaway.
.正向压降低.Low forward voltage drop
.低漏电. Low leakage current
.高浪涌承受能力.High surge current capability
机械数据
MECHANICAL DATA
.封装:铜材质 TC封装.Case: Copper TC
.端子:镀金端子,焊接按照 MIL-STD-202,方法 208.
Terminals: Plated terminals, solderable per
MIL-STD-202, method 208.
.极性: 灌注红色环氧树脂(端子为正/P 型)
灌注黑色环氧树脂(端子为负/N 型)
Polarity :
By RED Color Epoxy Potting. (Positive)
By BLACK
Color Epoxy Potting. (Negative)
.重 量:2.5克.
Weight: 2.5grams
Dimension in millimeters
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减 少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
For capacitive load, derate current by 20%
TC
SYMBO
L
3505
351
352
353
354
355
356
UNITS
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600
Volts
最大反向有效电压
Maximum RMS Voltage
VRMS
35
70
140
210
280
350
420
Volts
最大直流阻断电压
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
500
600
Volts
最大正向平均整流电流 TL=125℃
Maximum Average Forward Rectified Current
I(AV)
35
Amps
正向峰值浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
400
Amps
25A 直流电时最大正向瞬间电压降
Maximum Instantaneous Forward Voltage
Drop at 25A DC
VF
1.0
Volts
最大反向漏电流
Maximum DC Reverse Current
TA=25℃
at Rated DC Blocking Voltage
TA=100℃
IR
5
500
uA
典型结电容
Typical Junction Capacitance (NOTE 1)
CJ
130
pF
工作温度存储温度
Operating AND Storage Temperature Range
TSTG/ TJ
-55 to +150
NOTE: 1.Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
www.shunyegroup.com.cn


Número de pieza similar - TC356

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC35661-551 TOSHIBA-TC35661-551 Datasheet
796Kb / 61P
   TC35661SBG-551 Bluetooth® IC ROM Profile Series
2017-01-05 Rev. 1.0
TC35661DBG TOSHIBA-TC35661DBG Datasheet
833Kb / 63P
   TC35661SBG/DBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev 1.02
TC35661DBG TOSHIBA-TC35661DBG Datasheet
841Kb / 64P
   TC35661SBG/DBG-503 Bluetooth® IC ROM Profile Series
2016-12-20 Rev. 1.0
TC35661DBG-203 TOSHIBA-TC35661DBG-203 Datasheet
833Kb / 63P
   TC35661SBG/DBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev 1.02
TC35661DBG-503 TOSHIBA-TC35661DBG-503 Datasheet
841Kb / 64P
   TC35661SBG/DBG-503 Bluetooth® IC ROM Profile Series
2016-12-20 Rev. 1.0
More results

Descripción similar - TC356

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shunye Enterprise
TC2505 SHUNYE-TC2505 Datasheet
196Kb / 2P
   5/16 TIN-CAN DIODES
logo
Won-Top Electronics
TC3500 WTE-TC3500 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2520 WTE-TC2520 Datasheet
31Kb / 2P
   25A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
TC3520 WTE-TC3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
TR351 MIC-TR351 Datasheet
49Kb / 2P
   TIN CAN AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com