Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD12S521DBTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD12S521DBTR
Descripción Electrónicos  Single-Chip HDMI Transmitter Port Protection and Interface Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S521DBTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD12S521DBTR Datasheet HTML 6Page - Texas Instruments TPD12S521DBTR Datasheet HTML 7Page - Texas Instruments TPD12S521DBTR Datasheet HTML 8Page - Texas Instruments TPD12S521DBTR Datasheet HTML 9Page - Texas Instruments TPD12S521DBTR Datasheet HTML 10Page - Texas Instruments TPD12S521DBTR Datasheet HTML 11Page - Texas Instruments TPD12S521DBTR Datasheet HTML 12Page - Texas Instruments TPD12S521DBTR Datasheet HTML 13Page - Texas Instruments TPD12S521DBTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
TPD12S521
SLVS639F – OCTOBER 2007 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPD12S521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9.2.2 Detailed Design Procedure
To begin the design process the designer needs to know the 5V_SUPPLY voltage range and the logic level,
LV_SUPPLY, voltage range.
9.2.3 Application Curves
Figure 3. HDMI 1.65Gbps Eye Diagram With TPD12S521 on
a Test Board
Figure 4. HDMI 1.65Gbps Eye Diagram Without TPD12S521
on a Test Board
Figure 5. Test Board to Measure Eye Diagram for the TPD12S521 (Refer to Eye Diagram Plot)
10 Power Supply Recommendations
The designer needs to consider the requirement for the HDMI Transmitters Hot Plug Detect (HPD) scheme. If it
is a requirement, then the VIH of HPD on the core scalar chip is the minimum voltage needed to detect a Hot
Plug event. The minimum voltage requirement is V5V_SUPPLY — VDROP_MAX — VDROP_SYSTEM — VON_MAX > VIH
V5V_SUPPLY > VIH + VDROP_MAX + VDROP_SYSTEM + VON_MAX ; where VDROP_MAX is the maximum voltage drop across
TPD12S521's current limiter, VDROP_SYSTEM is the voltage drop across the path from Pin 38 of TPD12S521
through the sink and back to Pin 20, and VON_MAX is the maximum voltage drop across TPD12S521's level
shifting NFET when ON. Otherwise, TPD12S521 is a passive ESD protection device and there is no need to
power it.


Número de pieza similar - TPD12S521DBTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTRG4 TI-TPD12S521DBTRG4 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTRG4 TI-TPD12S521DBTRG4 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results

Descripción similar - TPD12S521DBTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_14 Datasheet
469Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com