Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP360N4F6 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STP360N4F6
Descripción Electrónicos  N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP360N4F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STP360N4F6 Datasheet HTML 1Page - STMicroelectronics STP360N4F6 Datasheet HTML 2Page - STMicroelectronics STP360N4F6 Datasheet HTML 3Page - STMicroelectronics STP360N4F6 Datasheet HTML 4Page - STMicroelectronics STP360N4F6 Datasheet HTML 5Page - STMicroelectronics STP360N4F6 Datasheet HTML 6Page - STMicroelectronics STP360N4F6 Datasheet HTML 7Page - STMicroelectronics STP360N4F6 Datasheet HTML 8Page - STMicroelectronics STP360N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STI360N4F6, STP360N4F6
Electrical ratings
Doc ID 023419 Rev 1
3/11
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
120
A
ID
(1)
Drain current (continuous) at TC = 100 °C
120
A
IDM
(1)
Drain current (pulsed)
480
A
PTOT
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
Tstg
Storage temperature
- 55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.5
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C


Número de pieza similar - STP360N4F6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP36N05L STMICROELECTRONICS-STP36N05L Datasheet
204Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP36N05LFI STMICROELECTRONICS-STP36N05LFI Datasheet
204Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP36N06 STMICROELECTRONICS-STP36N06 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP36N06 NJSEMI-STP36N06 Datasheet
161Kb / 3P
   N- CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
STMicroelectronics
STP36N06FI STMICROELECTRONICS-STP36N06FI Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results

Descripción similar - STP360N4F6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STI260N6F6 STMICROELECTRONICS-STI260N6F6 Datasheet
756Kb / 14P
   N-channel 60 V, 0.0024 廓, 120 A STripFET??VI DeepGATE??Power MOSFET in TO-220 and I짼PAK packages
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
   N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
April 2014
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
   N-channel 75 V, 3 m廓, 120 A TO-220 STripFET??VI DeepGATE??Power MOSFET
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
   N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com