Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1E6B06DPLT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1E6B06DPLT
Descripción Electrónicos  Single-Channel ESD Protection Diode in 0201 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E6B06DPLT Datasheet(HTML) 5 Page - Texas Instruments

  TPD1E6B06DPLT Datasheet HTML 1Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 2Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 3Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 4Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 5Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 6Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 7Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 8Page - Texas Instruments TPD1E6B06DPLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Voltage (V)
-12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D001
Time (2s)
0
5
10
15
20
25
30
35
40
45
50
0
0
1
15
2
30
3
45
4
60
5
75
6
90
D001
I
P
Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
0
3
6
9
12
15
18
21
24
27
30
D001
Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
0
3
6
9
12
15
18
21
24
27
30
D001
Time (ns)
-15
15
45
75
105
135
165
195
225
-10
0
10
20
30
40
50
60
70
80
90
D001
Time (ns)
-15
15
45
75
105
135
165
195
225
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
TPD1E6B06
www.ti.com
SLLSEB2E – FEBRUARY 2012 – REVISED OCTOBER 2015
6.6 Typical Characteristics
Figure 1. ESD Clamp Voltage +8-kV Contact ESD
Figure 2. ESD Clamp Voltage –8-kV Contact ESD
Figure 3. Clamping Voltage VTLP = F(ITLP), PIN1 to PIN2
Figure 4. Clamping Voltage VTLP = F(ITLP), PIN2 to PIN1
Figure 5. IV Curve
Figure 6. Surge Graph, Pin 1 to Pin 2
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD1E6B06


Número de pieza similar - TPD1E6B06DPLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E6B06DPLT TI-TPD1E6B06DPLT Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
TPD1E6B06DPLT LEIDITECH-TPD1E6B06DPLT Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2014
More results

Descripción similar - TPD1E6B06DPLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
[Old version datasheet]   ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
ESD341 TI-ESD341 Datasheet
835Kb / 15P
[Old version datasheet]   ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
   1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Shanghai Leiditech Elec...
PESD1421U005 LEIDITECH-PESD1421U005 Datasheet
755Kb / 6P
   Ultal Low Capacitance ESD Protection Diode in 0201
PESD1621U005 LEIDITECH-PESD1621U005 Datasheet
1Mb / 5P
   Ultal Low Capacitance ESD Protection Diode in 0201
PESD1821U005 LEIDITECH-PESD1821U005 Datasheet
2Mb / 3P
   Ultal Low Capacitance ESD Protection Diode in 0201
PESD1221U005 LEIDITECH-PESD1221U005 Datasheet
641Kb / 6P
   Ultal Low Capacitance ESD Protection Diode in 0201
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com