Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU9HN65M2 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STU9HN65M2
Descripción Electrónicos  N-channel 600 V, 0.71typ., 5.5 A MDmesh??M2 Power MOSFET in an IPAK package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU9HN65M2 Datasheet(HTML) 4 Page - STMicroelectronics

  STU9HN65M2 Datasheet HTML 1Page - STMicroelectronics STU9HN65M2 Datasheet HTML 2Page - STMicroelectronics STU9HN65M2 Datasheet HTML 3Page - STMicroelectronics STU9HN65M2 Datasheet HTML 4Page - STMicroelectronics STU9HN65M2 Datasheet HTML 5Page - STMicroelectronics STU9HN65M2 Datasheet HTML 6Page - STMicroelectronics STU9HN65M2 Datasheet HTML 7Page - STMicroelectronics STU9HN65M2 Datasheet HTML 8Page - STMicroelectronics STU9HN65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STU9HN65M2
4/12
DocID027605 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 5: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0 V, ID = 1 mA
650
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 650 V
1
µA
VGS = 0 V, VDS = 650 V,
TC = 125 °C
100
µA
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ±25 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 2.5 A
0.71
0.82
Ω
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 100 V, f = 1 MHz,
VGS = 0 V
-
325
-
pF
Coss
Output capacitance
-
16
-
pF
Crss
Reverse transfer
capacitance
-
0.85
-
pF
Coss eq.
(1)
Equivalent output
capacitance
VDS = 0 V to 520 V, VGS = 0 V
-
109
-
pF
RG
Intrinsic gate resistance
f = 1 MHz open drain
-
5.6
-
Ω
Qg
Total gate charge
VDD = 520 V, ID = 5 A,
VGS = 10 V (see Figure 15:
"Gate charge test circuit")
-
11.5
-
nC
Qgs
Gate-source charge
-
2.5
-
nC
Qgd
Gate-drain charge
-
5
-
nC
Notes:
(1)
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 325 V, ID = 2.5 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 14: "Switching times
test circuit for resistive load"
and Figure 19: "Switching time
waveform")
-
7.5
-
ns
tr
Rise time
-
4.6
-
ns
td(off)
Turn-off-delay time
-
24
-
ns
tf
Fall time
-
14.5
-
ns


Número de pieza similar - STU9HN65M2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
logo
SamHop Microelectronics...
STU9410 SAMHOP-STU9410 Datasheet
817Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
logo
STMicroelectronics
STU95N2LH5 STMICROELECTRONICS-STU95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
More results

Descripción similar - STU9HN65M2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STN6N60M2 STMICROELECTRONICS-STN6N60M2 Datasheet
262Kb / 13P
   N-channel 600 V, 1.00 typ., 5.5 A MDmesh M2 Power MOSFET in an SOT223-2 package
May 2020 Rev 2
STFI12N60M2 STMICROELECTRONICS-STFI12N60M2 Datasheet
380Kb / 12P
   N-channel 600 V, 0.395 廓 typ., 9 A MDmesh??M2 Power MOSFET in an I짼PAKFP package
May 2015 Rev 1
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
   N-channel 600 V, 0.290 廓 typ., 8 A MDmesh??M2 Power MOSFET in a PowerFLAT??5x6 HV package
May 2015 Rev 1
STP15N60M2-EP STMICROELECTRONICS-STP15N60M2-EP Datasheet
518Kb / 14P
   N-channel 600 V, 0.340 廓 typ., 11 A MDmesh??M2 EP Power MOSFET in a TO-220 package
December 2014 Rev 2
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
   N-channel 600 V, 0.400 廓 typ., 6.5 A MDmesh??M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com