Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGIPS15C60T-H Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STGIPS15C60T-H
Descripción Electrónicos  3-phase inverters for motor drives
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60T-H Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS15C60T-H Datasheet HTML 1Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 2Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 3Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 4Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 5Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS15C60T-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
April 2015
DocID026323 Rev 2
1/19
STGIPS15C60T-H
SLLIMM™ small low-loss intelligent molded module
IPM, 3-phase inverter - 15 A, 600 V short-circuit rugged IGBT
Datasheet
- production data
Features
• IPM 15 A, 600 V 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
• Short-circuit rugged IGBTs
• 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull-down /
pull-up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Shutdown function
• 4.7 kΩ NTC for temperature control
• DBC leading to low thermal resistance
• Isolation rating of 2500 Vrms/min
• UL recognized: UL1557 file E81734
Applications
• 3-phase inverters for motor drives
• Home appliance, air conditioners
Description
This intelligent power module provides a
compact, high performance AC motor drive in a
simple, rugged design. Combining ST proprietary
control ICs with the most advanced short-circuit-
rugged IGBT system technology, this device is
ideal for 3-phase inverters in applications such as
motor drives and air conditioners. SLLIMM™ is a
trademark of STMicroelectronics.
SDIP-25L
Table 1. Device summary
Order code
Marking
Package
Packing
STGIPS15C60T-H
GIPS15C60T-H
SDIP-25L
Tube
www.st.com


Número de pieza similar - STGIPS15C60T-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIPS15C60-H STMICROELECTRONICS-STGIPS15C60-H Datasheet
707Kb / 20P
   Short-circuit rugged IGBTs
April 2015 Rev 3
More results

Descripción similar - STGIPS15C60T-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIB10CH60TS-L STMICROELECTRONICS-STGIB10CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
October 2016 Rev 6
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
STGIF5CH60TS-L STMICROELECTRONICS-STGIF5CH60TS-L Datasheet
600Kb / 25P
   3-phase inverters for motor drives
September 2015 Rev 5
STGIF5CH60TS-E STMICROELECTRONICS-STGIF5CH60TS-E Datasheet
648Kb / 22P
   3-phase inverters for motor drives
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIF10CH60TS-L STMICROELECTRONICS-STGIF10CH60TS-L Datasheet
490Kb / 25P
   3-phase inverters for motor drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com